Electronic Components Datasheet Search
  English  ▼

X  

F4602 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F4602
Description  RF bandpass filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4602 Datasheet(HTML) 2 Page - Integrated Technology Future

  F4602 Datasheet HTML 1Page - Integrated Technology Future F4602 Datasheet HTML 2Page - Integrated Technology Future F4602 Datasheet HTML 3Page - Integrated Technology Future F4602 Datasheet HTML 4Page - Integrated Technology Future F4602 Datasheet HTML 5Page - Integrated Technology Future F4602 Datasheet HTML 6Page - Integrated Technology Future F4602 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F4602
Part No.
F4602
Rev. Date
2012-09-12
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NSNI01-AS01
2/7
Specifications
Fc = 460 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
460
-
MHz
Insertion Loss (450 ~ 470 MHz)
-
2.6
3.2
dB
Amplitude Ripple (450 ~ 470 MHz)
-
1.2
2.4
dBp-p
Return Loss (450 ~ 470 MHz)
7
8.2
-
dB
Relative Attenuation
0.3 ~ 300 MHz
300 ~ 380 MHz
380 ~ 430 MHz
504.825 ~ 524.825 MHz
559.65 ~ 579.65 MHz
669.3 ~ 689.3 MHz
689.3 ~ 1000 MHz
30
24
15
12
28
24
26
58
56
54
44
56
54
44
-
-
-
-
-
-
-
dB
Temperature Coefficient of Frequency
-
-36
-
ppm/℃
Input/Output Impedance
-
50
-
Ohms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com