Electronic Components Datasheet Search
  English  ▼

X  

IDD08072 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # IDD08072
Description  Usable bandwidth 5 MHz each Rx And Tx. band
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IDD08072 Datasheet(HTML) 1 Page - Integrated Technology Future

  IDD08072 Datasheet HTML 1Page - Integrated Technology Future IDD08072 Datasheet HTML 2Page - Integrated Technology Future IDD08072 Datasheet HTML 3Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ceramic DUPLEXER IDD08072
808.5 MHz / 853.5 MHz
Part No.
IDD08072
Rev. Date
2014-9-16
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS01
1/3
Features
Ceramic Duplexer
Usable bandwidth 5 MHz each Rx And Tx. band
No matching / Antenna & Transmitter & Receiver Impedance 50Ω
Surface Mounted Module Package ( 75mm × 25mm × 9.5mm )
Package Dimension
T O L E R A N C E
U N L E S S
O T H E R W
I S E
S P E C I F I E D
:
±
U N I T S
:
:
R O U N D
: I O
P O R T
A N T
T O P
I E W
S O L D E R
P A T T E R N
75
6
6
6
10
5
9
5
10
6
6
6
6
6
6
7
5.5
5.5
7
7
6
6
6
2
5
7
L O W
H I
H
P
N
Maximum Ratings
Electrostatics Sensitive Device (ESD)
Pin Configuration
Description
Function
RX (806 ~ 811MHz)
RECEIVER
ANT
ANTENNA
TX (851 ~ 856MHz)
TRANSMITTER
Parameter
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-40
25
+85
Storage Temperature Range
°C
-40
-
+85


Similar Part No. - IDD08072

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IDD08169 ITF-IDD08169 Datasheet
275Kb / 3P
Usable bandwidth 18 MHz Rx. And 5MHz Tx. band
Rev. AS01 2014-9-16
IDD08273 ITF-IDD08273 Datasheet
121Kb / 2P
Usable bandwidth 5 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD08468 ITF-IDD08468 Datasheet
121Kb / 2P
Usable bandwidth 10 MHz each Rx. And Tx. band
Rev. AS01 2014-9-16
IDD08808 ITF-IDD08808 Datasheet
110Kb / 2P
Usable bandwidth 25 MHz Rx. And 65MHz Tx. band
Rev. AS01 2014-8-26
IDD08870 ITF-IDD08870 Datasheet
272Kb / 3P
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
More results

Similar Description - IDD08072

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IDC10318 ITF-IDC10318 Datasheet
129Kb / 4P
Usable bandwidth 15 MHz each Tx. And Rx. band
Rev. AS01 2014-8-27
IDD08273 ITF-IDD08273 Datasheet
121Kb / 2P
Usable bandwidth 5 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD08468 ITF-IDD08468 Datasheet
121Kb / 2P
Usable bandwidth 10 MHz each Rx. And Tx. band
Rev. AS01 2014-9-16
IDD08870 ITF-IDD08870 Datasheet
272Kb / 3P
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD08871 ITF-IDD08871 Datasheet
147Kb / 3P
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD09074 ITF-IDD09074 Datasheet
135Kb / 3P
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD09175 ITF-IDD09175 Datasheet
134Kb / 3P
Usable bandwidth 10 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD17619 ITF-IDD17619 Datasheet
124Kb / 2P
Usable bandwidth 10 MHz each Rx. And Tx. band
Rev. AS01 2014-8-27
IDD19409 ITF-IDD19409 Datasheet
214Kb / 3P
Usable bandwidth 30 MHz each Rx. And Tx. band
Rev. AS01 2014-8-26
IDD21367 ITF-IDD21367 Datasheet
124Kb / 2P
Usable bandwidth 30 MHz each Rx. And Tx. band
Rev. AS01 2014-9-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com