Electronic Components Datasheet Search
  English  ▼

X  

IDD09074 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # IDD09074
Description  Usable bandwidth 25 MHz each Rx And Tx. band
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IDD09074 Datasheet(HTML) 2 Page - Integrated Technology Future

  IDD09074 Datasheet HTML 1Page - Integrated Technology Future IDD09074 Datasheet HTML 2Page - Integrated Technology Future IDD09074 Datasheet HTML 3Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ceramic DUPLEXER IDD09074
902.5 MHz / 947.5 MHz
Part No.
IDD09074
Rev. Date
2014-9-16
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS01
2/3
Specification
Fo = 902.5 MHz / 947.5 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 3 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured absolute to insertion loss
ANT to Rx
Minimum
Typical
Maximum
Insertion loss (902.5 MHz +/-12.5 MHz)
dB
-
1.5
2.0
Amplitude Ripple (902.5 MHz +/-12.5 MHz)
dB
-
0.8
1.0
Return Loss (902.5 MHz +/-12.5 MHz)
dB
18
20
-
Input power (902.5 MHz +/-12.5 MHz)
Watt
10W > 50000 Hours, CW tone (Ta=+50°C)
Relative Attenuation
@ 925 MHz
935 ~ 960 MHz
dB
20
58
25
63
-
Tx to ANT
Minimum
Typical
Maximum
Insertion loss (947.5 MHz +/-12.5 MHz)
dB
-
1.5
2.0
Amplitude Ripple (947.5 MHz +/-12.5 MHz)
dB
-
0.8
1.0
Return Loss (947.5 MHz +/-12.5 MHz)
dB
18
20
-
Input power (947.5 MHz +/-12.5 MHz)
Watt
10W > 50000 Hours, CW tone (Ta=+50°C)
Relative Attenuation
890 ~ 915 MHz
@ 925MHz
dB
58
20
63
25
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com