Electronic Components Datasheet Search
  English  ▼

X  

IFD08855 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # IFD08855
Description  Ceramic bandpass filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IFD08855 Datasheet(HTML) 1 Page - Integrated Technology Future

  IFD08855 Datasheet HTML 1Page - Integrated Technology Future IFD08855 Datasheet HTML 2Page - Integrated Technology Future IFD08855 Datasheet HTML 3Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ceramic Bandpass Filter IFD08855
Part No.
IFD08855
Rev. Date
2014-09-04
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS 01
1/3
Features
Ceramic bandpass filter
50Ω single-ended operation
Surface Mounted Module Package ( 21.7mm × 9.8mm × 7.5mm )
Package Dimensions
Maximum Ratings
Parameter
Unit
Minimum
Typical
Maximum
Operating Temperature Range
℃
-40
25
85
Storage Temperature Range
℃
-40
25
85
Power Handling Capability
Watt
-
-
3
Electrostatics Sensitive Device (ESD)


Similar Part No. - IFD08855

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IFD08823 ITF-IFD08823 Datasheet
237Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-08-28
IFD08827 ITF-IFD08827 Datasheet
203Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-08-28
IFD08845 ITF-IFD08845 Datasheet
132Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-09-03
IFD08863 ITF-IFD08863 Datasheet
204Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-09-04
More results

Similar Description - IFD08855

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IFD19750 ITF-IFD19750 Datasheet
122Kb / 3P
Ceramic bandpass filter
Rev. AS 2014-09-03
IFD21148 ITF-IFD21148 Datasheet
124Kb / 3P
Ceramic bandpass filter
Rev. AS 2014-09-03
IFD27905 ITF-IFD27905 Datasheet
169Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-08-26
IFD34631 ITF-IFD34631 Datasheet
163Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-08-29
IFD35001 ITF-IFD35001 Datasheet
159Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-08-06
IFD16504 ITF-IFD16504 Datasheet
118Kb / 3P
Ceramic bandpass filter
Rev. AS 2014-08-26
IFD17734 ITF-IFD17734 Datasheet
132Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-08-29
IFD17928 ITF-IFD17928 Datasheet
153Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-08-28
IFD18353 ITF-IFD18353 Datasheet
278Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-09-04
IFD18806 ITF-IFD18806 Datasheet
133Kb / 4P
Ceramic bandpass filter
Rev. AS 2014-08-26
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com