Electronic Components Datasheet Search
  English  ▼

X  

FH2164 Datasheet(PDF) 1 Page - Tyco Electronics

Part # FH2164
Description  RF MOSFET Power Transistor, 8W, 12V 30 - 90 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FH2164 Datasheet(HTML) 1 Page - Tyco Electronics

  FH2164 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - FH2164

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
FH2164 MA-COM-FH2164 Datasheet
85Kb / 1P
RF Power MOSFET Transistor 8W, 30-90MHz, 12V
More results

Similar Description - FH2164

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20174 ERICSSON-PTB20174 Datasheet
563Kb / 4P
90 Watts, 1400-1600 MHz RF Power Transistor
logo
Tyco Electronics
DU1215S MACOM-DU1215S Datasheet
202Kb / 3P
RF MOSFET Power Transistor, ISW, 12V 2 - 175 MHz
DU1260T MACOM-DU1260T Datasheet
197Kb / 3P
RF MOSFET Power Transistor, 6OW, 12V 2 - 175 MHz
DU1230S MACOM-DU1230S Datasheet
195Kb / 3P
RF MOSFET Power Transistor, 30W, 12V, 2 - 175 MHz
logo
Mitsubishi Electric Sem...
RD09MUP2 MITSUBISHI-RD09MUP2 Datasheet
152Kb / 7P
Silicon MOSFET Power Transistor, 520MHz, 8W
logo
Tyco Electronics
FH2114 MACOM-FH2114 Datasheet
73Kb / 1P
RF MOSFET Power Transistor, 75W, 24V 30-90 MHz
logo
M/A-COM Technology Solu...
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
RF Power MOSFET Transistor 15W, 2-175MHz, 12V
DU1230S MA-COM-DU1230S Datasheet
160Kb / 3P
RF Power MOSFET Transistor 30W, 2-175MHz, 12V
DU1260T MA-COM-DU1260T Datasheet
156Kb / 3P
RF Power MOSFET Transistor 60W, 2-175MHz, 12V
FH2164 MA-COM-FH2164 Datasheet
85Kb / 1P
RF Power MOSFET Transistor 8W, 30-90MHz, 12V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com