Electronic Components Datasheet Search
  English  ▼

X  

RFFM4503 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM4503
Description  4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4503 Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM4503 Datasheet HTML 1Page - RF Micro Devices RFFM4503 Datasheet HTML 2Page - RF Micro Devices RFFM4503 Datasheet HTML 3Page - RF Micro Devices RFFM4503 Datasheet HTML 4Page - RF Micro Devices RFFM4503 Datasheet HTML 5Page - RF Micro Devices RFFM4503 Datasheet HTML 6Page - RF Micro Devices RFFM4503 Datasheet HTML 7Page - RF Micro Devices RFFM4503 Datasheet HTML 8Page - RF Micro Devices RFFM4503 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Revision DS20150520
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
5 of 9
RFFM4503
RFMD + TriQuint = Qorvo
Timing Diagrams
Level is set Per the data sheet
VCC
PA_EN
C_RX
0.2uSec
Time
TX RF Signal
Transmit Timing Diagram
Power ON / OFF Sequence
RX is Low during TX
0.2uSec
0.2uSec
0.2uSec
Apply Vcc to pins 4,
10, and 11
Both controls must be
OFF during transmit.
The order is not critical.
Apply a max of 0.4v to
pins 15 and 16
For Transmit: apply
3.1v to pin-6
Note1: RF Signal for each specific mode is applied after the DC bias is applied
Note2: Total ON/OFF time includes from 10% of control switching to 90% of RF power
Note3: Listed values on diagram are typical. The maximum is 0.5us for each mode
LNA_EN
RX is Low during TX
RF signal ON time is
0.5uS max. Set RF
input to required level.
Range is set Per the data sheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com