Electronic Components Datasheet Search
  English  ▼

X  

RFFM6401 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM6401
Description  3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6401 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM6401 Datasheet HTML 1Page - RF Micro Devices RFFM6401 Datasheet HTML 2Page - RF Micro Devices RFFM6401 Datasheet HTML 3Page - RF Micro Devices RFFM6401 Datasheet HTML 4Page - RF Micro Devices RFFM6401 Datasheet HTML 5Page - RF Micro Devices RFFM6401 Datasheet HTML 6Page - RF Micro Devices RFFM6401 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 of 7
RFFM6401
DS130327
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1GND
Ground connection.
2GND
Ground connection.
3RX
Receive Port
4GND
Ground connection.
5GND
Ground connection.
6GND
Ground connection.
7TX
Transmit Port
8GND
Ground connection.
9VCC
Power Amplifier Supply Voltage.
10
Vreg
Power Amplifier Bias Control
11
GND
Ground connection.
12
GND
Ground connection.
13
GND
Ground connection.
14
GND
Ground connection.
15
GND
Ground connection.
16
GND
Ground connection.
17
GND
Ground connection.
18
C_TX
Transmit Selection Control Line. Please see truth table for proper operation.
19
C_RX
Receive Selection Control Line. Please see truth table for proper operation
20
GND
Ground connection.
21
ANT
This is a common port (antenna). It is matched to 50
Ω and DC block is provided internally.
22
GND
Ground connection.
23
GND
Ground connection.
24
GND
Ground connection.
25
NC
No Internal Connection.
26
VC_BIAS
First Stage PA Supply Voltage.
27
GND
Ground connection.
28
GND
Ground connection.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com