Electronic Components Datasheet Search
  English  ▼

X  

RFFM6900SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM6900SB
Description  2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6900SB Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM6900SB Datasheet HTML 1Page - RF Micro Devices RFFM6900SB Datasheet HTML 2Page - RF Micro Devices RFFM6900SB Datasheet HTML 3Page - RF Micro Devices RFFM6900SB Datasheet HTML 4Page - RF Micro Devices RFFM6900SB Datasheet HTML 5Page - RF Micro Devices RFFM6900SB Datasheet HTML 6Page - RF Micro Devices RFFM6900SB Datasheet HTML 7Page - RF Micro Devices RFFM6900SB Datasheet HTML 8Page - RF Micro Devices RFFM6900SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Revision DS20150610
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
2 of 12
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Parameter
Rating
Unit
Voltage
5.25
V
Storage Temperature Range
-40 to +150
°C
Operating Temperature Range
-40 to +85
°C
Receive RF Input Power (SAW2)
+5
dBm
Transmit RF Input Power (PA Enabled)
+15
dBm
Transmit RF Input Power (PA Bypass)
+20
dBm
Receive RF Input Power (ANT)
+33
dBm
T/R Port Load VSWR in Transmit Mode
10:1
ESD, HBM
350
V
ESD, CDM
300
V
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
Frequency*
890
925
960
MHz
RF Port Impedance
50
Ω
Operating Voltage
2.5
3.6
4.2
V
Leakage Current
VCCTx1 = 3.6V, VCCTx2 = 3.6V, VDD = 3.6V, VCCRx = 3.6V, VAPC = 0.0V,
EN = 0.0V, TR = 0.0V, BYP = 0.0V, RF = Off, Temperature = 25ºC
VDD
0.05
1
μA
VCC TX
0.05
1
μA
VCC RX
0.05
1
μA
Operating Voltages
VCC TX1/2
2.5
3.6
4.2
V
VCC RX
2.5
3.3
4.2
V
VDD
2.5
3.6
4.2
V
Tx Output Power Control (VAPC)
0.00
2.25
2.50
V
VAPC operates such that the transmitter output power is saturated at a level lower
than 1.9V and minimal variation in output power of the device occurs above that
level
Transmit High Power Mode
VCCTx1 = 3.6V, VCCTx2 = 3.6V, VDD = 3.6V, VCCRx = 0.0V, VAPC = 2.25V,
EN = 1.8V, TR = 1.8V, BYP = 0.2V, Measured Path = TX to ANT, Temperature
= 25ºC
Output Power
30.0
30.5
dBm
VCCTx1, VCCTx2 = 3.6V, PIN = +10dBm
28
VCCTx1, VCCTx2 = 2.7V, PIN = +10dBm
Input Return Loss
10
15
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com