Electronic Components Datasheet Search
  English  ▼

X  

RFFM6904 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM6904
Description  3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6904 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFFM6904 Datasheet HTML 2Page - RF Micro Devices RFFM6904 Datasheet HTML 3Page - RF Micro Devices RFFM6904 Datasheet HTML 4Page - RF Micro Devices RFFM6904 Datasheet HTML 5Page - RF Micro Devices RFFM6904 Datasheet HTML 6Page - RF Micro Devices RFFM6904 Datasheet HTML 7Page - RF Micro Devices RFFM6904 Datasheet HTML 8Page - RF Micro Devices RFFM6904 Datasheet HTML 9Page - RF Micro Devices RFFM6904 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
RFFM6904
DS120605
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
-10
-8
-6
-4
-2
0
2
900 902 904 906 908 910 912 914 916 918 920 922 924 926 928
Gain (dB)
Frequency (MHz)
LNA Gain versus Frequency (Low Gain Mode)
Over Temperature
LNA VCC= 3.3V, LNAVREF =0V, LNA Select=High
-40 C
25 C
85 C
15
17
19
21
23
25
27
29
900 902 904 906 908 910 912 914 916 918 920 922 924 926 928
Gain (dB)
Frequency (MHz)
LNA Gain versus Frequency(High Gain Mode)
Over Temperature
LNA VCC andLNA VREF=3.3V;LNASel=Low
-40C
25 C
85 C
-15
-10
-5
0
5
10
15
902
912
922
IIP3 (dBm)
Frequency (MHz)
LNA IIP3 versus Frequency(In High Gain Mode)
(Over Tempreture)
LNA VCC andLNA VREF=3.3V;LNASel=Low
-40C
25 C
85 C
10
12
14
16
18
20
22
24
26
28
30
902
912
922
IIP3 (dBm)
Frequency (MHz)
LNA IIP3 Vs Frequency(Low Gain Mode)
(Over Temperature)
LNA VCC & LNA Vref = 3.3V; LNA Sel = High
-40C
25 C
85 C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com