Electronic Components Datasheet Search
  English  ▼

X  

RFFM6909 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM6909
Description  925MHz Transmit/Receive Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6909 Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM6909 Datasheet HTML 1Page - RF Micro Devices RFFM6909 Datasheet HTML 2Page - RF Micro Devices RFFM6909 Datasheet HTML 3Page - RF Micro Devices RFFM6909 Datasheet HTML 4Page - RF Micro Devices RFFM6909 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140905
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 5
RFFM6909
Pin Names and Descriptions
Pin
Name
Description
1
GND
Ground
2
ANT2
Antenna 2 Connect Port
3
GND
Ground
4
ANT1
Antenna 1 Connect Port
5
GND
Ground
6
C_ANT
Antenna Selection Control Line
7
C_TX
Transmit Selection Control Line
8
VCC
Supply Voltage
9
C_RX
Receive Selection Control Line
10
GND
Ground
11
RXN
Receive Port Negative
12
RXP
Receive Port Positive
13
TX
Transmit Port
14
GND
Ground
15
BAL_IN
Input to Balun
16
GND
Ground
17
ASW_RX
Antenna Switched Rx Output
18
GND
Ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com