Electronic Components Datasheet Search
  English  ▼

X  

RFFM8250 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM8250
Description  2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8250 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM8250 Datasheet HTML 1Page - RF Micro Devices RFFM8250 Datasheet HTML 2Page - RF Micro Devices RFFM8250 Datasheet HTML 3Page - RF Micro Devices RFFM8250 Datasheet HTML 4Page - RF Micro Devices RFFM8250 Datasheet HTML 5Page - RF Micro Devices RFFM8250 Datasheet HTML 6Page - RF Micro Devices RFFM8250 Datasheet HTML 7Page - RF Micro Devices RFFM8250 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 8
RFFM8250
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi
Switch + LNA Module
The RFFM8250 provides a complete integrated Switch + LNA solution in
a single Front End Module (FEM) for WiFi 802.11b/g/n/ac and
Bluetooth
® systems. The ultra-small form factor and integrated
matching greatly reduces the number of external components and
layout area in the customer applications. This simplifies the total front
end solution by reducing the bill of materials, system footprint, and
manufacturing cost. The RFFM8250 integrates a Single Pole Three
Throw (SP3T) Transmit/Receive (T/R) Switch and a 2.5GHz Low Noise
Amplifier (LNA) with bypass mode. The device is provided in a 1.75mm
x 1.75mm x 0.33mm 10-pin QFN package.
TX
VTX
N/C
2
3
4
5
6
7
8
9
10
BT
ANT
VRX
VBT
VDD
LNAEN
RX
1
Functional Block Diagram
Ordering Information
RFFM8250SB
Standard 5-piece sample bag
RFFM8250SQ
Standard 25-piece sample bag
RFFM8250SR
Standard 100-piece reel
RFFM8250TR7
Standard 2500-piece reel
RFFM8250PCK-410
Fully assembled evaluation board w/ 5-piece bag
Package: QFN, 10-pin,
1.75mm x 1.75mm x 0.33mm
Features
■ SP3T T/R Switch with Bluetooth
Support
■ LNA with Bypass Mode
■ Input and Output Matched to 50Ω
■ Wide Voltage Supply Range
■ Supports WiFi chipsets with
Integrated Power Amplifier (iPA)
■ Low Profile Package for Module
Designs
Applications
■ Cellular Handsets
■ Mobile Devices
■ Tablets
■ Consumer Electronics
■ Gaming
■ Netbooks/Notebooks
■ TV/Monitors/Video
RFFM8250


Similar Part No. - RFFM8250

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8250 QORVO-RFFM8250 Datasheet
261Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
RFFM8250PCK-410 QORVO-RFFM8250PCK-410 Datasheet
261Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
logo
RF Micro Devices
RFFM8250Q RFMD-RFFM8250Q Datasheet
272Kb / 8P
WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
logo
Qorvo, Inc
RFFM8250Q QORVO-RFFM8250Q Datasheet
288Kb / 8P
WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
logo
RF Micro Devices
RFFM8250QPCK-410 RFMD-RFFM8250QPCK-410 Datasheet
272Kb / 8P
WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
More results

Similar Description - RFFM8250

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM4204 RFMD-RFFM4204 Datasheet
254Kb / 9P
WiFi 802.11b/g/n/ac Front End Module 2.4GHz to 2.5GHz
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8205 RFMD-RFFM8205 Datasheet
410Kb / 9P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8250 QORVO-RFFM8250 Datasheet
261Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
RFFM8205 QORVO-RFFM8205 Datasheet
410Kb / 9P
2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com