Electronic Components Datasheet Search
  English  ▼

X  

2N7002KA Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # 2N7002KA
Description  INTERFACE AND SWITCHING APPLICATION.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N7002KA Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  2N7002KA_15 Datasheet HTML 1Page - KEC(Korea Electronics) 2N7002KA_15 Datasheet HTML 2Page - KEC(Korea Electronics) 2N7002KA_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2015. 1. 05
3/3
2N7002KA
Revision No :3
DRAIN-SOURCE VOLTAGE V
(V)
0
DS
0
I
- V
DDS
1
COMMON SOURCE
Ta=25 C
V
=3V
GS
23
4
5
0.3
0.6
0.9
1.5
1.2
4V
5V
6V
7V
10V
0.1
0
0.2
COMMON SOURCE
Ta=25 C
0.3
0.4
0.5
0.6
2
1
3
4
6
5
DRAIN CURRENT I
(A)
D
R
- I
DS(ON)
D
0.2
COMMON SOURCE
VDS=VGS
ID =250µA
1.0
0.6
1.4
1.8
JUNCTION TEMPERATURE T
( C)
j
V
- T
th
j
DRAIN-SOURCE VOLTAGE V
(V)
DS
C - VDS
10
0
0.0
10
2
10
1
10
3
0.3
0.6
0.9
1.2
1.5
Ciss
Coss
Crss
0100
-50
50
-100
150
VGS=3V
6V
7V
5V
10V
4V
0
200
100
300
400
500
AMBIENT TEMPERATURE T ( C)
a
P
- T
Da
050
75
100
125
150
25
175



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com