Electronic Components Datasheet Search
  English  ▼

X  

CMLM0305G Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLM0305G
Description  SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0305G Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLM0305G Datasheet HTML 1Page - Central Semiconductor Corp CMLM0305G Datasheet HTML 2Page - Central Semiconductor Corp CMLM0305G Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMLM0305
CMLM0305G*
Multi Discrete Module™
SURFACE MOUNT SILICON
N-CHANNEL MOSFET AND
LOW VF SCHOTTKY DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLM0305 and
CMLM0305G are Multi Discrete Modules™ consisting
of a single N-Channel enhancement-mode MOSFET
and a low VF Schottky diode packaged in a space
saving SOT-563 surface mount case. This device is
designed for small signal general purpose applications
where size and operational efficiency are prime
requirements.
MAXIMUM RATINGS - CASE: (TA=25°C)
SYMBOL
UNITS
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
MAXIMUM RATINGS - Q1: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
50
V
Drain-Gate Voltage
VDG
50
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current
ID
280
mA
Maximum Pulsed Drain Current
IDM
1.5
A
MAXIMUM RATINGS - D1: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
500
mA
Peak Repetitive Forward Current, tp
≤1.0ms
IFRM
3.5
A
Peak Forward Surge Current, tp = 8.0ms
IFSM
10
A
ELECTRICAL CHARACTERISTICS - Q1: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSSF, IGSSR
VGS=5.0V
100
nA
IGSSF, IGSSR
VGS=10V
2.0
μA
IGSSF, IGSSR
VGS=12V
2.0
μA
IDSS
VDS=50V, VGS=0
50
nA
BVDSS
VGS=0, ID=10μA
50
V
VGS(th)
VDS=VGS, ID=250μA
0.49
1.0
V
FEATURES:
• ESD protection up to 2kV
• Low rDS(on) Transistor (3Ω MAX @ VGS=1.8V)
• Low VF Schottky Diode (0.47V MAX @ 0.5A)
APPLICATIONS:
• DC / DC Converters
• Battery Powered Portable Equipment
Notes:
(1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
* Device is Halogen Free by design
MARKING CODES: CMLM0305:
5C3
CMLM0305G*: 5CG
SOT-563 CASE
R5 (15-June 2015)
www.centr a lsemi.com


Similar Part No. - CMLM0305G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0305G CENTRAL-CMLM0305G Datasheet
592Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
More results

Similar Description - CMLM0305G

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com