Electronic Components Datasheet Search
  English  ▼

X  

RFFM8505SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM8505SB
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8505SB Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM8505SB Datasheet HTML 1Page - RF Micro Devices RFFM8505SB Datasheet HTML 2Page - RF Micro Devices RFFM8505SB Datasheet HTML 3Page - RF Micro Devices RFFM8505SB Datasheet HTML 4Page - RF Micro Devices RFFM8505SB Datasheet HTML 5Page - RF Micro Devices RFFM8505SB Datasheet HTML 6Page - RF Micro Devices RFFM8505SB Datasheet HTML 7Page - RF Micro Devices RFFM8505SB Datasheet HTML 8Page - RF Micro Devices RFFM8505SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131106
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 9
RFFM8505
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (No RF Applied)
6
V
PA Enable Voltage
-0.5 to 5
VDC
DC Supply Current
500
mA
Operating Temperature Range
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
Maximum TX Input Power into 50Ω Load for 11a/n/ac (No
Damage)
+12
dBm
LNA On Maximum RX input power (No damage)
+12
dBm
Bypass Mode Maximum RX input power (No damage)
+25
dBm
Moisture Sensitivity
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
802.11a, 802.11n, 802.11ac
Operating Frequency
5.15
5.825
GHz
Extended Frequency
4.9
5.85
GHz
Functional with reduced performance -3dB lower TX power
Operating Temperature
-10
70
ºC
Extended Operating Temperature
-40
85
ºC
Functional with reduced performance
Power Supply VCC
3.2
3.6
4.6
V
Extended VCC
3
5.0
V
Please see 5 volts apps schematic
Control Voltage-high
2.8
3.1
VCC
V
PA_EN, C_RX, LNA_EN, VMODE. Should not exceed VCC voltage
Control Voltage-low
0
0.4
V
Transmit (TX-ANT) High Power
Mode
T= -10°C to +70°C, VCC=3.2V to 4.6V,
50% Duty Cycle unless otherwise noted
HT80 Output Power
17.0
17.5
dBm
T= 25°C, VCC= 3.6V
80MHz 802.11ac - Dynamic EVM
1.5
1.8
%
-36.5
-35.0
dB
HT80 Output Power
16.0
dBm
T= -10°C to +70°C, VCC=3.2V to 4.6V
80MHz 802.11ac - Dynamic EVM
1.5
1.8
%
-36.5
-35.0
dB
HT20 Output Power
19.0
19.5
dBm
T= 25°C, VCC= 3.6V
20MHz 802.11n - Dynamic EVM
2.5
3
%
-32
-30.5
dB
HT20 Output Power
18.0
dBm
T= -10°C to +70°C, VCC=3.2V to 4.6V
20MHz 802.11n - Dynamic EVM
2.5
3
%
-32
-30.5
dB
20/80MHz 802.11ac - Spectral Mask
22
dBm
T= 25°C, VCC= 3.6V
40MHz 802.11n - Spectral Mask
21
dBm
TX Port Return Loss
10
18
dB
ANT Port Return Loss
10
18
dB
Large Signal Gain
24
28
31
dB
T= 25°C, VCC= 3.6V
23
28
31
dB
T= -10°C to +70°C, VCC=3.2V to 4.6V
Gain flatness over any 80MHz BW
-0.5
0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com