Electronic Components Datasheet Search
  English  ▼

X  

RFFM8550SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM8550SB
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8550SB Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM8550SB Datasheet HTML 1Page - RF Micro Devices RFFM8550SB Datasheet HTML 2Page - RF Micro Devices RFFM8550SB Datasheet HTML 3Page - RF Micro Devices RFFM8550SB Datasheet HTML 4Page - RF Micro Devices RFFM8550SB Datasheet HTML 5Page - RF Micro Devices RFFM8550SB Datasheet HTML 6Page - RF Micro Devices RFFM8550SB Datasheet HTML 7Page - RF Micro Devices RFFM8550SB Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 8
RFFM8550
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (No RF Applied)
-0.5 to 6
V
DC Supply Current
100
mA
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Maximum TX Input Power for 11b/g/n/ac (No Damage)
+30
dBm
Maximum RX Input Power (No Damage)
+12
dBm
Bypass Mode Maximum RX input power (No damage)
+25
dBm
Moisture Sensitivity
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance:
4.9GHz to 5.85GHz Only
Operating Frequency
5.18
5.825
GHz
Extended Frequency
4.9
5.925
GHz
Operating Temperature
-40
25
85
ºC
Power Supply VDD
3.0
3.6
5.0
V
Control Voltage-high
2.8
3.1
VCC
V
VTX, VRX, and LNA_EN Should not exceed VCC voltage
Control Voltage-low
0
0.24
V
Transmit (TX-ANT)
VDD = 3.6V, unless otherwise noted
Insertion Loss
0.6
1.2
dB
T = 25C°, VDD = 3.6V
TX Port Return Loss
12
25
dB
ANT Port Return Loss
12
25
dB
Input P1dB
27
30
dBm
T = 25°C, VDD = 3.6V
ANT-RX Isolation
28
35
dB
TX Mode-TX enabled and maximum power
Receive (ANT-RX)-LNA On
VDD = 3.6V, unless otherwise noted
Gain
9
12
14
dB
T = 25°C, VDD = 3.6V
Gain flatness over any 80MHz
BW
-0.25
+0.25
dB
Gain flatness across band
-1
+1
dB
T = 25°C, VDD = 3.6V
Noise Figure-Nominal
2.5
3
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com