Electronic Components Datasheet Search
  English  ▼

X  

RFGA2044 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFGA2044
Description  InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2044 Datasheet(HTML) 5 Page - RF Micro Devices

  RFGA2044 Datasheet HTML 1Page - RF Micro Devices RFGA2044 Datasheet HTML 2Page - RF Micro Devices RFGA2044 Datasheet HTML 3Page - RF Micro Devices RFGA2044 Datasheet HTML 4Page - RF Micro Devices RFGA2044 Datasheet HTML 5Page - RF Micro Devices RFGA2044 Datasheet HTML 6Page - RF Micro Devices RFGA2044 Datasheet HTML 7Page - RF Micro Devices RFGA2044 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RFGA2044
Prelim DS111213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
500MHz to 3000MHz Application Circuit for Linear Operation
Evaluation Board Bill of Materials (BOM)
500MHz to 3000MHz Application Circuit
Description
Reference
Designator
Manufacturer
Manufacturer’s P/N
GA2054 Evaluation Board
GA2054-410(A)
CAP, 1
F, 20%, 25V, TANT-A
C1
AVX Corporation
TAJA105M025
CAP, 1000pF, 10%, 50V, X7R, 0402
C4, C6-C7
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
CAP, 100pF, 5%, 50V, C0G, 0402
C5
Taiyo Yuden (USA), Inc.
RM UMK105CG101JV-F
IND, 82nH, 10%, W/W, 0805
L1
Coilcraft, Inc.
0805CS-820XKBC
CONN, SMA, END LNCH, FLT, 0.062"
J1-J2
Johnson Components, Inc.
142-0701-821
CONN, HDR, ST, PLRZD, 2-PIN, 0.100"
P1
ITW Pancon
MPSS100-2-C
InGaP Darlington HBT Gain Block
U1
RFMD
GA2044
Do Not Place
C2-C3, R1-R2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com