Electronic Components Datasheet Search
  English  ▼

X  

GREEN700 Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # GREEN700
Description  Complied with ATX12V and EPS12V standard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

GREEN700 Datasheet(HTML) 1 Page - Sparkle Power Inc.

  GREEN700 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 265Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: 8A (RMS) @115Vac, 4A (RMS) @230Vac
Inrush Current: No damage, typical 100A at cold start
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Line Reg.
Ripple & Noise
+3.3V
0.8A
18A
36A
± 5%
± 1%
75mV P-P
+5V
0.5A
15A
30A
± 5%
± 1%
75mV P-P
+12V1
1A
9A
18A
± 5%
± 1%
140mV P-P
+12V2
1A
9A
18A
± 5%
± 1%
140mV P-P
+12V3
1A
9A
18A
± 5%
± 1%
140mV P-P
+12V4
1A
9A
18A
± 5%
± 1%
140mV P-P
-12V
0A
0.4A
0.8A
± 10%
± 1%
200mV P-P
+5Vsb
0.1A
1.5A
3.0A
± 5%
± 1%
75mV P-P
* +3.3V and +5V total output not exceed 155W
* Total combined current of +12V rails is 50A
GREEN 700 (SPI700GHN)
700 Watts EPS12V & ATX12V Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Features
• Complied with ATX12V and EPS12V standard
• Active Power Factor Correction (PFC) meet EN61000-3-2
• High efficiency and reliability
• Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
• Remote ON/OFF function
• Internal 12V DC fan included
• Noise Killer (thermal fan speed control function)
• Low noise and ripple
• Output over voltage, short circuit, and over current protection
• 100% Hi-pot, ATE, and burn-in tested
• Re-settable power shut down
• Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1,NEMKO EN
•
Report), CE, EMC,FCC
60950-1 (CB
Specification
• Temperature Range: Operating: 0° ~ 50°C on full load, de-rate
4W/°C from 25° ~ 50°C; storage & shipping: -20° ~ +80°C
• Humidity: 5 ~ 95% RH on operating and storage
• Dielectric Withstand: Primary to Frame Ground 1800 VAC for
1sec
• Efficiency: 80% ~ 85%
• Rise time: Less than 20ms
• Hold-up Time: 30ms minimum at nominal input voltage
• Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
• Leakage Current: Less than 3.5mA
• MTBF: 100,000 hours on maximum load at +25°C
• Dimensions (LxWxH): 140x150x86mm 5 5x5 9x3.4in
/ .
.
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: http://www.sparklepower.com/
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


Similar Part No. - GREEN700

ManufacturerPart #DatasheetDescription
logo
Honeywell Miller
GREEN 587 MILLER-GREEN 587 Datasheet
90Kb / 1P
DESOLDERING GUNS
logo
Sparkle Power Inc.
GREEN600 SPI-GREEN600 Datasheet
547Kb / 1P
Complied with ATX12V and EPS12V standard
More results

Similar Description - GREEN700

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP100-50LM SPI-FSP100-50LM Datasheet
99Kb / 1P
Complied with ATX12V standard
FSP250-60PFG SPI-FSP250-60PFG Datasheet
46Kb / 1P
Complied with ATX12V standard
FSP300-60PFK SPI-FSP300-60PFK Datasheet
43Kb / 1P
Complied with ATX12V standard
FSP460-60GHN SPI-FSP460-60GHN Datasheet
519Kb / 1P
Complied with ATX12V standard
FSP1200-50AAG SPI-FSP1200-50AAG Datasheet
41Kb / 1P
Complied with ATX12V standard
GREEN600 SPI-GREEN600 Datasheet
547Kb / 1P
Complied with ATX12V and EPS12V standard
SPI600GHN SPI-SPI600GHN Datasheet
547Kb / 1P
Complied with ATX12V and EPS12V standard
SPI700GHN SPI-SPI700GHN Datasheet
526Kb / 1P
Complied with ATX12V and EPS12V standard
FSP300-60PFN SPI-FSP300-60PFN Datasheet
358Kb / 1P
Complied with atx AND ATX12V standard
SPI700ACHBB SPI-SPI700ACHBB Datasheet
228Kb / 1P
Complied with ATX12V and EPS12V standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com