Electronic Components Datasheet Search
  English  ▼

X  

SPI500ACAP Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI500ACAP
Description  Complied with ATX12V 2.3 standard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI500ACAP Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI500ACAP Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply
Manufacturer Website:
www.sparklepower.com
SPI500ACAP
(80PLUS Platinum, RoHS Compliant)
500 Watts ATX12V 2.3 EPS12V V2.92 Switching
Power Supply (Meet 2013 ErP)
Features
Complied with ATX12V 2.3 standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC (Restriction
on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1, TUV EN60950-1,CB 60950-1 report,
FCC,EMC.
Specification
Temperature Range: Operating: +0°C ~ +40°C on full load
Storage & Shipping: -40°C ~ +70°C
Humidity: 5-85% on operating, 5-95% on storage
Dielectric Withstand: Primary to frame ground 1800V
AC for 1
second
Efficiency: 89% minimum, typical up to 92%
Rise time: 15ms maximum
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off delay
1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH):140x150x85.8mm / 5.5x5.9x3.4inch
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 8A at 100-127Vrms@60Hz,
Max 4A at 200-240Vrms@50Hz
Inrush Current: No damage.
Output Characteristics
*+3.3V & +5V total output does not exceed 90W
when +5V is loaded to 16A, then +3.3V maximum load is 3A
when +3.3V is loaded to16A, then +5V maximum load is 7.4A
*+12V1, +12V2,+12V3 total output not exceed 456W(38A)
*All outputs shall be safety-isolated from the AC mains and share
a common return. This common return must be connected to
supply chassis
*Voltage and ripple are measured at the load side of mating
connectors with a 0.1uF monolithic ceramic capacitor paralleled
by a 10uF electrolytic capacitor across the measuring terminals
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


Similar Part No. - SPI500ACAP

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI500ACA8 SPI-SPI500ACA8 Datasheet
588Kb / 1P
Complied with ATX12V standard
SPI500ACAG SPI-SPI500ACAG Datasheet
765Kb / 2P
500 Watts ATX12V 2.3 Switching Power Supply Meet 2010 ErP
More results

Similar Description - SPI500ACAP

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP450-50ERN SPI-FSP450-50ERN Datasheet
63Kb / 1P
Complied with ATX12V 2.3 standard
FSP550-50ERN SPI-FSP550-50ERN Datasheet
65Kb / 1P
Complied with ATX12V 2.3 standard
FSP550-80EPN85 SPI-FSP550-80EPN85 Datasheet
79Kb / 1P
Complied with ATX12V 2.3 standard
FSP600-80EPN85 SPI-FSP600-80EPN85 Datasheet
105Kb / 1P
Complied with ATX12V 2.3 standard
FSP650-50ERN SPI-FSP650-50ERN Datasheet
65Kb / 1P
Complied with ATX12V 2.3 standard
FSP650-80EPN85 SPI-FSP650-80EPN85 Datasheet
88Kb / 1P
Complied with ATX12V 2.3 standard
FSP700-50ERN SPI-FSP700-50ERN Datasheet
65Kb / 1P
Complied with ATX12V 2.3 standard
FSP750-50ERN SPI-FSP750-50ERN Datasheet
65Kb / 1P
Complied with ATX12V 2.3 standard
FSP750-80EPN85 SPI-FSP750-80EPN85 Datasheet
118Kb / 1P
Complied with ATX12V 2.3 standard
SPI650ACAP SPI-SPI650ACAP Datasheet
184Kb / 1P
Complied with ATX12V 2.3 standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com