Electronic Components Datasheet Search
  English  ▼

X  

RFMD2014SQ Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFMD2014SQ
Description  DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2014SQ Datasheet(HTML) 4 Page - RF Micro Devices

  RFMD2014SQ Datasheet HTML 1Page - RF Micro Devices RFMD2014SQ Datasheet HTML 2Page - RF Micro Devices RFMD2014SQ Datasheet HTML 3Page - RF Micro Devices RFMD2014SQ Datasheet HTML 4Page - RF Micro Devices RFMD2014SQ Datasheet HTML 5Page - RF Micro Devices RFMD2014SQ Datasheet HTML 6Page - RF Micro Devices RFMD2014SQ Datasheet HTML 7Page - RF Micro Devices RFMD2014SQ Datasheet HTML 8Page - RF Micro Devices RFMD2014SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RFMD2014
DS111121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
‐4
‐3.5
‐3
‐2.5
‐2
‐1.5
‐1
‐0.5
0
0.5
1
1.5
2
1400
1600
1800
2000
2200
2400
2600
2800
Output 
Power 
(dBm)
LO Freq (MHz)
CW Output Power vs LO Frequency
VCC 5V, LO 0dBm, IQ Drive 0.4VppSE, IQ Bias 1.5V
CW Output Power +25C
CW Output Power ‐40C
CW Output Power +85C
‐65
‐60
‐55
‐50
‐45
‐40
‐35
‐30
‐25
‐20
‐15
‐10
1400
1600
1800
2000
2200
2400
2600
2800
LO 
Feedthru 
(dBm)
LO Freq (MHz)
Carrier Feedthru vs LO Frequency
VCC 5V, LO 0dBm, IQ Drive 0.4VppSE, IQ Bias 1.5V
Carrier Feedthrough +25C
Carrier Feedthrough ‐40C
Carrier Feedthrough +85C
‐65
‐60
‐55
‐50
‐45
‐40
‐35
‐30
‐25
‐20
‐15
‐10
1400
1600
1800
2000
2200
2400
2600
2800
Suppression
(dBc)
LO Freq (MHz)
Sideband Suppression vs LO Frequency
VCC 5V, LO 0dBm, IQ Drive 0.4VppSE, IQ Bias 1.5V 
Sideband Suppression +25C
Sideband Suppression ‐40C
Sideband Suppression +85C
0
5
10
15
20
25
30
1400
1600
1800
2000
2200
2400
2600
2800
Output 
IP3 
(dBm)
LO Freq (MHz)
Output IP3 vs LO Frequency
VCC 5V, LO 0dBm, IQ Drive 0.4VppSE, IQ Bias 1.5V 
OIP3 +25C
OIP3 ‐40C
OIP3 +85C
‐15
‐14
‐13
‐12
‐11
‐10
‐80
‐75
‐70
‐65
‐60
‐55
1400
1600
1800
2000
2200
2400
2600
2800
C
h
a
n
n
e
l P
o
w
e
r 
(d
B
m
)
ACP 
and 
ALT1 
(dBc)
LO Freq (MHz)
WCDMA Channel Power / Adjacent Chan Pwr / Alt Chan Pwr
VCC 5V, LO 0dBm, IQ Drive 0.4VppSE, IQ Bias 1.5V 
ACP
WCDMA Channel Power
‐25
‐20
‐15
‐10
‐5
0
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
Return 
Loss (dB)
Freq (GHz)
RF Port Return Loss
VCC 5V, LO 0dBm
RF Port +25C
RF Port ‐40C
RF Port +85C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com