Electronic Components Datasheet Search
  English  ▼

X  

RFMD2014SR Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFMD2014SR
Description  DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2014SR Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFMD2014SR Datasheet HTML 2Page - RF Micro Devices RFMD2014SR Datasheet HTML 3Page - RF Micro Devices RFMD2014SR Datasheet HTML 4Page - RF Micro Devices RFMD2014SR Datasheet HTML 5Page - RF Micro Devices RFMD2014SR Datasheet HTML 6Page - RF Micro Devices RFMD2014SR Datasheet HTML 7Page - RF Micro Devices RFMD2014SR Datasheet HTML 8Page - RF Micro Devices RFMD2014SR Datasheet HTML 9Page - RF Micro Devices RFMD2014SR Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RFMD2014
DS111121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
‐65
‐60
‐55
‐50
‐45
‐40
‐35
‐30
‐25
‐20
‐15
‐10
‐6
‐4
‐20
2
4
6
Suppression 
(dBc)
LO Power (dBm)
Sideband Suppression vs LO Power
VCC 5V, LO 2100MHz, IQ Drive 0.4Vpp SE, IQ Bias 1.5V
Sideband Suppression +25C
Sideband Suppression ‐40C
Sideband Suppression +85C
‐80
‐75
‐70
‐65
‐60
‐55
‐6
‐4
‐20
2
4
6
ACP  (dBc)
LO Power (dBm)
Adjacent Chan Pwr vs LO Power
VCC 5V, LO 2100MHz, IQ Drive 0.4Vpp SE, IQ Bias 1.5V
ACP +25C
ACP ‐40C
ACP +85C
‐165
‐160
‐155
‐150
‐145
‐140
‐6
‐4
‐2
0246
Output 
Noise 
(dBm/Hz)
LO Power (dBm)
Output Noise Floor vs LO Power
VCC 5V, LO 2140MHz, IQ Drive 0.4Vpp Se, IQ Bias 1.5V, WCDMA
Noise Floor +25C
Noise Floor ‐40C
Noise Floor +85C
0
5
10
15
20
25
30
‐6
‐4
‐2
0
246
Output 
IP3 (dBm)
LO Power (dBm)
Output IP3 vs LO Power
VCC 5V, LO 2100MHz, IQ Drive 0.4Vpp SE, IQ Bias 1.5V
OIP3 +25C
OIP3 ‐40C
OIP3 +85C
0
5
10
15
20
25
30
4.4
4.6
4.8
5
5.2
5.4
5.6
Output 
IP3 (dBm)
VCC (V)
Output IP3 vs VCC
LO 2100MHz 0dBm, IQ Bias 1.5V, IQ Drive 0.4Vpp SE
OIP3 +25C
OIP3 ‐40C
OIP3 +85C
‐65
‐60
‐55
‐50
‐45
‐40
‐35
‐30
‐25
‐20
‐15
‐10
4.4
4.6
4.8
5
5.2
5.4
5.6
LO 
Feedthru 
(dBm)
VCC (V)
Carrier Feedthrough vs VCC
LO 2100MHz 0dBm, IQ Bias 1.5V, IQ Drive 0.4Vpp SE
Carrier Feedthrough +25C
Carrier Feedthrough ‐40C
Carrier Feedthrough +85C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com