Electronic Components Datasheet Search
  English  ▼

X  

RFMD2014TR7 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFMD2014TR7
Description  DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2014TR7 Datasheet(HTML) 3 Page - RF Micro Devices

  RFMD2014TR7 Datasheet HTML 1Page - RF Micro Devices RFMD2014TR7 Datasheet HTML 2Page - RF Micro Devices RFMD2014TR7 Datasheet HTML 3Page - RF Micro Devices RFMD2014TR7 Datasheet HTML 4Page - RF Micro Devices RFMD2014TR7 Datasheet HTML 5Page - RF Micro Devices RFMD2014TR7 Datasheet HTML 6Page - RF Micro Devices RFMD2014TR7 Datasheet HTML 7Page - RF Micro Devices RFMD2014TR7 Datasheet HTML 8Page - RF Micro Devices RFMD2014TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RFMD2014
DS111121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin
Function
Description
1NC
No connection.
2GND
RF/DC Ground connection.
3LOP
Local oscillator differential input.
4LON
Local oscillator differential input. Connect to ground when using LOP input in single ended mode.
5GND
RF/DC Ground connection.
6NC
No connection.
7NC
No connection.
8GND
RF/DC Ground connection.
9QN
Q channel differential baseband input.
10
QP
Q channel differential baseband input.
11
GND
RF/DC Ground connection.
12
GND
RF/DC Ground connection.
13
NC
No connection.
14
GND
RF/DC Ground connection.
15
NC
No connection.
16
RFOUT
RF single-ended output.
17
GND
RF/DC Ground connection.
18
VCC2
5V supply.
19
GND
RF/DC Ground connection.
20
GND
RF/DC Ground connection.
21
IP
I channel differential baseband input.
22
IN
I channel differential baseband input.
23
GND
RF/DC Ground connection.
24
VCC1
5V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com