Electronic Components Datasheet Search
  English  ▼

X  

RFMD2014TR13 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFMD2014TR13
Description  DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2014TR13 Datasheet(HTML) 1 Page - RF Micro Devices

  RFMD2014TR13 Datasheet HTML 1Page - RF Micro Devices RFMD2014TR13 Datasheet HTML 2Page - RF Micro Devices RFMD2014TR13 Datasheet HTML 3Page - RF Micro Devices RFMD2014TR13 Datasheet HTML 4Page - RF Micro Devices RFMD2014TR13 Datasheet HTML 5Page - RF Micro Devices RFMD2014TR13 Datasheet HTML 6Page - RF Micro Devices RFMD2014TR13 Datasheet HTML 7Page - RF Micro Devices RFMD2014TR13 Datasheet HTML 8Page - RF Micro Devices RFMD2014TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2011, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
BiFET HBT
LDMOS
VCC2
GND
GND
GND
LOP
LON
NC
NC
1
-45°
+45°
`
2
3
4
5
6
GND
NC
19
20
21
22
23
24
18
17
16
15
14
13
RFOUT
NC
12
11
10
9
8
7
RFMD2014
DIRECT QUADRATURE MODULATOR
1450MHz TO 2700MHz
The RFMD2014 is direct quadrature modulator for use in cellular base
stations and other communications systems. RFMD2014 supports cellu-
lar, 3G, WiMax, and LTE air interface standards. This device features oper-
ation from 1450MHz to 2700MHz with excellent carrier and sideband
suppression and ultra low noise floor. The device is manufactured in an
advanced GaAs HBT process. The RFMD2014 operates from a single 5V
supply and is packaged in a low cost, 4mm x 4mm, 24-pin leadless pack-
age.
Features
ACPR Performance: -70dBc Typ.
for 1-Carrier WCDMA
Very High Linearity: +26dBm
OIP3
Very Low Noise Floor:
-160dBm/Hz
High Output Power: +11dBm
P1dB
Typical Carrier Feed-Through:
<-40dBm
Single-Ended or Differential LO
Drive
Typical Sideband Suppression:
<-40dBc
Single +5V Supply
Small 24-Pin, 4mmx4mm, QFN
Applications
Cellular, 3G Infrastructure
WiBro, WiMax, LTE
WiFI or WLL Systems
GMSK, QPSK, DQPSK, QAM
Modulation
DS111121
Package: QFN, 24-Pin, 4mm x 4mm
RFMD2014
Direct Quadra-
ture Modula-
tor 1450MHz
to 2700MHz


Similar Part No. - RFMD2014TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFMD2080 RFMD-RFMD2080 Datasheet
3Mb / 19P
45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
RF Micro Devices
RFMD2080SB RFMD-RFMD2080SB Datasheet
3Mb / 19P
45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
RFMD2080SQ RFMD-RFMD2080SQ Datasheet
3Mb / 19P
45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
RFMD2080SR RFMD-RFMD2080SR Datasheet
3Mb / 19P
45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
More results

Similar Description - RFMD2014TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
156Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_06 Datasheet
185Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com