Electronic Components Datasheet Search
  English  ▼

X  

RFMD2081 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFMD2081
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2081 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFMD2081 Datasheet HTML 9Page - RF Micro Devices RFMD2081 Datasheet HTML 10Page - RF Micro Devices RFMD2081 Datasheet HTML 11Page - RF Micro Devices RFMD2081 Datasheet HTML 12Page - RF Micro Devices RFMD2081 Datasheet HTML 13Page - RF Micro Devices RFMD2081 Datasheet HTML 14Page - RF Micro Devices RFMD2081 Datasheet HTML 15Page - RF Micro Devices RFMD2081 Datasheet HTML 16Page - RF Micro Devices RFMD2081 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13 of 18
RFMD2081
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: VCO
VDD = +3V and TA = +27°C unless stated otherwise, as measured on RFMD2081 evaluation board.
1200
1300
1400
1500
1600
1700
1800
0
20406080
100
120
CT_CAL Word
VCO1 Frequency versus CT_CAL
VCO1 with LO Divide by 2
-40 Deg C
+27 Deg C
+85 Deg C
0
5
10
15
20
25
1200
1300
1400
1500
1600
1700
1800
VCO Frequency /2 (MHz)
VCO1 Frequency versus Kvco
LO Divide by 2
VCO1
1600
1700
1800
1900
2000
2100
2200
2300
0
20406080
100
120
CT_CAL Word
VCO2 Frequency versus CT_CAL
VCO2 with LO Divide by 2
-40 Deg C
+27 Deg C
+85 Deg C
0
5
10
15
20
25
30
1600
1700
1800
1900
2000
2100
2200
2300
VCO Frequency /2 (MHz)
VCO2 Frequency versus Kvco
LO Divide by 2
VCO2
2100
2200
2300
2400
2500
2600
2700
2800
2900
0
20
40
60
80
100
120
CT_CAL Word
VCO3 Frequency versus CT_CAL
VCO3 with LO Divide by 2
-40 Deg C
+27 Deg C
+85 Deg C
0
5
10
15
20
25
30
2200
2300
2400
2500
2600
2700
2800
2900
VCO Frequency /2 (MHz)
VCO3 Frequency versus Kvco
LO Divide by 2
VCO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com