Electronic Components Datasheet Search
  English  ▼

X  

M52 Datasheet(PDF) 1 Page - Tyco Electronics

Part # M52
Description  TRIPLE-BALANCED MIXER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M52 Datasheet(HTML) 1 Page - Tyco Electronics

  M52 Datasheet HTML 1Page - Tyco Electronics M52 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Guaranteed
Characteristics
Typical
+25
°°°°C
-54
°°°° to +85°°°°C
SSB Conversion Loss & SSB Noise Figure (max.)
fR =
fR =
fR =
fR =
fL =
fL =
fL =
fL =
fI =
fI =
fI =
fI =
Isolation (min.)
L to R
fL =
fL =
fL =
L to I
fL =
fL =
fL =
R to I
fR =
fR =
1 dB Conversion Compression
fL @
fL @
Input IP3
fR1 =
fL =
fR1 =
fL =
fR1 =
fL =
fR2 =
fR2 =
fR2 =
Absolute Maximum Ratings
Outline Drawing(s)
Operating Temperature
Package
Figure
Model
Storage Temperature
Peak Input Power
Peak Input Current
· LO 2 TO 24 GHz
RF 2 TO 24 GHz
· IF 0.1 TO 5 GHz
· LO DRIVE +10 dBm (nominal)
· HIGH COMPRESSION POINT
· VERY WIDE BANDWIDTH
M52/M52C
TRIPLE-BALANCED MIXER
Specifications (Rev. Date: 12/01)*
Measured in a 50-ohm system with nominal LO drive and downconverter application only, unless otherwise specified. Subject to change without notice.
DD
mA DC
26 dBm max. @ +25°, 22°C
-65°C to 100°C
-54°C to 100°C
M52
8 to 18 GHz,
8 to 18 GHz,
0.1 to 4 GHz
2 to 8 GHz,
2 to 18 GHz,
18 to 24 GHz,
2 to 8 GHz,
2 to 18 GHz,
13 to 24 GHz,
1 to 4 GHz
0.1 to 5 GHz
0.1 to 5 GHz
7.5 dB
9.5 dB
10 dB
12.5 dB
10.5 dB
10 dB
10.5 dB
11 dB
13 dB
2 to 24 GHz
18 dB
25 dB
30 dB
20 dB
15 dB
20 dB
22 dB
15 dB
13 dB
18 dB
20 dB
13 dB
+10 dBm
+5 dBm
3.75 GHz @ -6 dBm
13 GHz @ -6 dBm
20 GHz @ -6 dBm
+16 dBm
+16 dBm
+13 dBm
3.76 GHz @ -6 dBm
13.01 GHz @ -6 dBm
20.01 GHz @ -6 dBm
4 GHz @ 10 dBm
11 GHz @ 10 dBm
24 GHz @ 10 dBm
8 dB
8.5 dB
9.5 dB
DC
M52C
4 to 19 GHz
2 to 20 GHz
20 to 24 GHz
MPAC
SMA


Similar Part No. - M52

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
513Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M52 MA-COM-M52 Datasheet
1Mb / 3P
Triple-Balanced Mixer
logo
DIYI Electronic Technol...
M52 DYELEC-M52 Datasheet
868Kb / 2P
Excellent power volume ratio
logo
Apex Electronics Co., L...
M52 APEX-ELECTRONICS-M52 Datasheet
1Mb / 12P
Rocker Switch, multiple contact arrangement
M52 APEX-ELECTRONICS-M52 Datasheet
660Kb / 5P
Slide Switch, high power rating, multiple contact arrangement
More results

Similar Description - M52

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
513Kb / 3P
Triple-Balanced Mixer
M83 MACOM-M83 Datasheet
424Kb / 3P
Triple-Balanced Mixer
MY50A MACOM-MY50A Datasheet
395Kb / 3P
Triple-Balanced Mixer
MY87C MACOM-MY87C Datasheet
401Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50C MA-COM-M50C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
Triple-Balanced Mixer
MY87C MA-COM-MY87C Datasheet
157Kb / 3P
Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C Datasheet
152Kb / 3P
Triple-Balanced Mixer
MZ8810C MA-COM-MZ8810C Datasheet
139Kb / 3P
Triple-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com