Electronic Components Datasheet Search
  English  ▼

X  

RFPA1702 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFPA1702
Description  17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1702 Datasheet(HTML) 6 Page - RF Micro Devices

  RFPA1702 Datasheet HTML 1Page - RF Micro Devices RFPA1702 Datasheet HTML 2Page - RF Micro Devices RFPA1702 Datasheet HTML 3Page - RF Micro Devices RFPA1702 Datasheet HTML 4Page - RF Micro Devices RFPA1702 Datasheet HTML 5Page - RF Micro Devices RFPA1702 Datasheet HTML 6Page - RF Micro Devices RFPA1702 Datasheet HTML 7Page - RF Micro Devices RFPA1702 Datasheet HTML 8Page - RF Micro Devices RFPA1702 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
RFPA1702
DS120601
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1N/C
Not connected.
2N/C
Not connected.
3N/C
Not connected.
4N/C
Not connected.
5GND
Ground.
6RFIN
RF input.
7GND
Ground.
8N/C
Not connected.
9N/C
Not connected.
10
N/C
Not connected.
11
N/C
Not connected.
12
N/C
Not connected.
13
VG1
Gate bias 1.
14
VD1
Drain bias 1.
15
VG2
Gate bias 2.
16
VD2
Drain bias 2.
17
VG3
Gate bias 3.
18
N/C
Not connected.
19
VD3B
Drain bias 3.
20
N/C
Not connected.
21
N/C
Not connected.
22
N/C
Not connected.
23
N/C
Not connected.
24
GND
Ground.
25
RFOUT
RF output.
26
GND
Ground.
27
N/C
Not connected.
28
N/C
Not connected.
29
DET
Detector Out.
30
REF
Detector Reference.
31
N/C
Not connected.
32
VD3A
Drain bias 3.
33
N/C
Not connected.
34
VG3
Gate bias 3.
35
VD2
Drain bias 2.
36
VG2
Gate bias 2.
37
VD1
Drain bias 1.
38
VG1
Gate bias 1.
39
N/C
Not connected.
40
N/C
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com