Electronic Components Datasheet Search
  English  ▼

X  

RFPA1702SB Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFPA1702SB
Description  17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1702SB Datasheet(HTML) 8 Page - RF Micro Devices

  RFPA1702SB Datasheet HTML 1Page - RF Micro Devices RFPA1702SB Datasheet HTML 2Page - RF Micro Devices RFPA1702SB Datasheet HTML 3Page - RF Micro Devices RFPA1702SB Datasheet HTML 4Page - RF Micro Devices RFPA1702SB Datasheet HTML 5Page - RF Micro Devices RFPA1702SB Datasheet HTML 6Page - RF Micro Devices RFPA1702SB Datasheet HTML 7Page - RF Micro Devices RFPA1702SB Datasheet HTML 8Page - RF Micro Devices RFPA1702SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RFPA1702
DS120601
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Sample Application Circuit Schematic
37
36
35
34
33
32
31
30
29
28
27
26
25
39
38
40
24
23
22
21
14
15
16
17
18
19
20
12
13
11
1
2
3
4
5
6
7
8
9
10
GND
GND
GND
GND
RFin
RFout
R4
R5
R6
C13
C14
C11
C9
C12
C10
C8
Vg1
Vg2
Vg3
Vd1
Vd2
Vd3a
R1
R2
R3
C7
C4
C5
C2
C6
C3
C1
Vg1
Vg2
Vg3
Vd1
Vd2
Vd3a



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com