Electronic Components Datasheet Search
  English  ▼

X  

RFPA2005SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA2005SQ
Description  Integrated Power Amplifier Module 1805MHz to 2170MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2005SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA2005SQ Datasheet HTML 1Page - RF Micro Devices RFPA2005SQ Datasheet HTML 2Page - RF Micro Devices RFPA2005SQ Datasheet HTML 3Page - RF Micro Devices RFPA2005SQ Datasheet HTML 4Page - RF Micro Devices RFPA2005SQ Datasheet HTML 5Page - RF Micro Devices RFPA2005SQ Datasheet HTML 6Page - RF Micro Devices RFPA2005SQ Datasheet HTML 7Page - RF Micro Devices RFPA2005SQ Datasheet HTML 8Page - RF Micro Devices RFPA2005SQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141031
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 9
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage, VCC1, VCC2 (POUT <24dBm, VSWR < 5:1)
4.5
VDC
Enable Control Logic, VEN
+2.2
VDC
CW Maximum RF Input Power into 50
Ω Load (VCC =3.3V)
+15
dBm
Storage Temperature Range
-40 to +150
°C
Moisture Sensitivity Level (260° JEDEC J-STD-020)
MSL3
Modulated (WCDMA) Input Power 6:1 Output VSWR (VCC =3.3V)
+10
dBm
ESD Rating, All Pins, HBM, JESD22-A114
2000
V
ESD Rating, All Pins, CDM, JESD22-C101
1000
V
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
+85
°C
Operating Junction Temperature
165
°C
Power Supply VCC1, VCC2,
3.15
3.3
3.45
V
Power Supply Vbias
3.3
3.3
3.45
V
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Operating Frequency Range
1805
2170
MHz
General Performance
VEN Range (Logic Low)
0
0.4
V
VEN Range (Logic High)
1.4
1.9
V
VEN Enable Current
0.2
mA
VEN = 1.8V
Total Idle Current (ICQ)
135
mA
DC only, VCC1 = VCC2 = 3.3V, VBIAS = 3.3V, VEN = 1.8V
VBIAS Current
5
9
mA
DC only, VEN = 1.8V
DC Enable Time
7
µs
DC only, time from VEN = high to stable idle current (90% of steady state
value)
RF Rise / Fall Time
2
µs
POUT ≤ 24dBm, 90% of target, DC settled prior to RF
Electrical Performance:
Band 4
Unless otherwise specified; Temp = +25°C, VCC1, VCC2 = +3.3V,
VBias=+3.3V, VEN = +1.8V, POUT = 24dBm, 2110MHz < F <
2170MHz, 50
Ω system, 20MHz LTE DL with CFR 8dB
Gain
25
26.5
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com