Electronic Components Datasheet Search
  English  ▼

X  

RFPA2005SR Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA2005SR
Description  Integrated Power Amplifier Module 1805MHz to 2170MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2005SR Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA2005SR Datasheet HTML 1Page - RF Micro Devices RFPA2005SR Datasheet HTML 2Page - RF Micro Devices RFPA2005SR Datasheet HTML 3Page - RF Micro Devices RFPA2005SR Datasheet HTML 4Page - RF Micro Devices RFPA2005SR Datasheet HTML 5Page - RF Micro Devices RFPA2005SR Datasheet HTML 6Page - RF Micro Devices RFPA2005SR Datasheet HTML 7Page - RF Micro Devices RFPA2005SR Datasheet HTML 8Page - RF Micro Devices RFPA2005SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141031
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RFPA2005
Parameter
Specification
Unit
Condition
Min
Typ
Max
ACLR1
– Adjacent Channel
-34
-33
dBc
Without DPD
ACLR2
– Alternate Channel
-53
-50
dBc
Without DPD
ACLR1_DPD
-50
dBc
With DPD
ACLR2_DPD
-60
dBc
With DPD
PA Current Drain
335
mA
POUT = +24dBm
Input Return Loss
-20
dB
Small signal S11, no external matching
Output Return Loss
-10
dB
Small signal S22, no external matching
Harmonics 2f0
-42
dBm
CW, POUT = +24dBm
Harmonics 3f0
-40
dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com