Electronic Components Datasheet Search
  English  ▼

X  

LTC6946 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 6.39GHz Integer-N Synthesizer with Integrated VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6946_15 Datasheet HTML 8Page - Linear Technology LTC6946_15 Datasheet HTML 9Page - Linear Technology LTC6946_15 Datasheet HTML 10Page - Linear Technology LTC6946_15 Datasheet HTML 11Page - Linear Technology LTC6946_15 Datasheet HTML 12Page - Linear Technology LTC6946_15 Datasheet HTML 13Page - Linear Technology LTC6946_15 Datasheet HTML 14Page - Linear Technology LTC6946_15 Datasheet HTML 15Page - Linear Technology LTC6946_15 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC6946
12
6946fb
For more information www.linear.com/LTC6946
pin FuncTions
GND (23): Negative Power Supply (Ground). This pin is
attached directly to the die attach paddle (DAP) and should
be tied directly to the ground plane.
VCP+(Pin24):4.0Vto5.25VPositiveSupplyPinforCharge
Pump Circuitry. This pin should be bypassed directly to
the ground plane using a 0.1µF ceramic capacitor as close
to the pin as possible.
CP (Pin 25): Charge Pump Output. This bi-directional cur-
rentoutputisnormallyconnectedtotheexternalloopfilter.
See the Applications Information section for more details.
VREF+ (Pin 26): 3.15V to 3.45V Positive Supply Pin for
Reference Input Circuitry. This pin should be bypassed
directly to the ground plane using a 0.1µF ceramic capaci-
tor as close to the pin as possible.
REF+, REF– (Pins 27, 28): Reference Input Signals. This
differential input is buffered with a low noise amplifier,
which feeds the reference divider and reference buffer.
They are self-biased and must be AC-coupled with 1µF
capacitors. If used single ended, bypass REF– to GND
with a 1µF capacitor. If the single-ended signal is greater
than 2.7VP-P, bypass REF– to GND with a 47pF capacitor.
GND (Exposed Pad Pin 29): Negative Power Supply
(Ground). The package exposed pad must be soldered
directly to the PCB land. The PCB land pattern should
have multiple thermal vias to the ground plane for both
low ground inductance and also low thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com