Electronic Components Datasheet Search
  English  ▼

X  

RFPA5200 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFPA5200
Description  3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5200 Datasheet(HTML) 7 Page - RF Micro Devices

  RFPA5200 Datasheet HTML 1Page - RF Micro Devices RFPA5200 Datasheet HTML 2Page - RF Micro Devices RFPA5200 Datasheet HTML 3Page - RF Micro Devices RFPA5200 Datasheet HTML 4Page - RF Micro Devices RFPA5200 Datasheet HTML 5Page - RF Micro Devices RFPA5200 Datasheet HTML 6Page - RF Micro Devices RFPA5200 Datasheet HTML 7Page - RF Micro Devices RFPA5200 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
RFPA5200
Preliminary
DS130606
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
RFPA5200 Performance Plots
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Output Power (dBm)
RFPA5200: EVM vs. Output Power
(OFDM 54Mbps; Vcc=5v; VREG=2.9v; 50% duty cycle; Temp=25C)
2412 MHz
2450 MHz
2484 MHz
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Output Power (dBm)
RFPA5200: EVM vs. Output Power
( MCS7 HT40; Vcc=5v; VREG=2.9v; 50% duty cycle; Temp=25C)
2412 MHz
2450 MHz
2484 MHz
0
0.5
1
1.5
2
2.5
3
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Output Power (dBm)
RFPA5200: Power Detector vs. Output Power
( MCS7 HT40; Vcc=5v; VREG=2.9v; 50% duty cycle; Temp=25C)
2412 MHz
2450 MHz
2484 MHz
25
26
27
28
29
30
31
32
33
34
35
0
1
2
3
4
5
6
7
8
9 101112131415161718192021222324252627282930
Output Power (dBm)
RFPA5200: Gain vs. Output Power
( MCS7 HT40; Vcc=5v; VREG=2.9v; 50% duty cycle; Temp=25C)
2412 MHz
2450 MHz
2484 MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0 1 2 3 4 5 6 7 8 9 101112131415161718192021222324252627282930
Output Power (dBm)
RFPA5200: Operating Current vs. Output Power
( MCS7 HT40; Vcc=5v; VREG=2.9v; 50% duty cycle; Temp=25C)
2412 MHz
2450 MHz
2484 MHz
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Output Power (dBm)
RFPA5200: VReg Current vs. Output Power
( MCS7 HT40; Vcc=5v; VREG=2.9v; 50% duty cycle; Temp=25C)
2412 MHz
2450 MHz
2484 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com