Electronic Components Datasheet Search
  English  ▼

X  

MA01502D Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA01502D
Description  Limiter/Low Noise Amplifier Die Preliminary Release 8.5 - 12.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA01502D Datasheet(HTML) 2 Page - Tyco Electronics

  MA01502D Datasheet HTML 1Page - Tyco Electronics MA01502D Datasheet HTML 2Page - Tyco Electronics MA01502D Datasheet HTML 3Page - Tyco Electronics MA01502D Datasheet HTML 4Page - Tyco Electronics MA01502D Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Limiter/Low Noise Amplifier Die (8.5 - 12.0 GHz)
MA01502D
Specifications subject to change without notice.
903068
North America: Tel. (800)366-2266, Fax (800)618-8883
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
Typical M easured Gain and Noise Figure of the Tw o-stage
Lim iter/LNA
0
2
4
6
8
10
12
14
16
18
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
FREQ UENCY(G Hz)
gain
nf



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com