Electronic Components Datasheet Search
  English  ▼

X  

RFSA2033SR Datasheet(PDF) 14 Page - RF Micro Devices

Part # RFSA2033SR
Description  Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2033SR Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RFSA2033SR Datasheet HTML 10Page - RF Micro Devices RFSA2033SR Datasheet HTML 11Page - RF Micro Devices RFSA2033SR Datasheet HTML 12Page - RF Micro Devices RFSA2033SR Datasheet HTML 13Page - RF Micro Devices RFSA2033SR Datasheet HTML 14Page - RF Micro Devices RFSA2033SR Datasheet HTML 15Page - RF Micro Devices RFSA2033SR Datasheet HTML 16Page - RF Micro Devices RFSA2033SR Datasheet HTML 17Page - RF Micro Devices RFSA2033SR Datasheet HTML 18Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
RFSA2033
RFDA2046
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and
registered trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130418
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
14 of 22
Evaluation Board Schematic
50Ω Application Circuit
Evaluation Board Bill of Materials (BOM)
50Ω Application Circuit
Description
Reference
Designator
Manufacturer
Manufacturer's P/N
Voltage Controlled Attenuator VCA
U1
RFMD
RFSA2033
CONN, SMA, END LNCH, RND PIN, 0.039"
J1-J4
Gigalane Co., Ltd.
PSF-S01-002
CONN, HDR, ST, 6-PIN, 0.100", T/H
P1
Molex
22-28-4063
PCB, SA2033-410
DDI
SA2033-410(A)
CAP, 1000pF, 10%, 25V, X7R, 0402
C3, C6-C7
Murata Electronics
GRM155R71H102KA01D
CAP, 1µF, 10%, 16V, X7R, 1206
C1
Murata Electronics
GRM31MR71E105KC01L
RES, 0Ω, 0402
R1
Kamaya, Inc
RMC1/16SJPTH
DNP
R2
N/A
N/A
DNP
C2, C4-C5
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com