Electronic Components Datasheet Search
  English  ▼

X  

MA01503D Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA01503D
Description  Limiter/Low Noise Amplifier Die Preliminary Release 8.5 - 12.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA01503D Datasheet(HTML) 4 Page - Tyco Electronics

  MA01503D Datasheet HTML 1Page - Tyco Electronics MA01503D Datasheet HTML 2Page - Tyco Electronics MA01503D Datasheet HTML 3Page - Tyco Electronics MA01503D Datasheet HTML 4Page - Tyco Electronics MA01503D Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Limiter/Low Noise Amplifier Die (8.5 - 12.0 GHz)
MA01503D
Specifications subject to change without notice.
903122
North America: Tel. (800)366-2266, Fax (800)618-8883
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
TYPICAL MEASURED GAIN OF THE THREE-STAGE LIMITER/LNA TESTED BEFORE
AND AFTER 30 SECONDS EXPOSURE @ VARIOUS CW POWER
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
FREQUENCY ( GHz )
Gain after Pin of 40.5 dBm for 30 seconds
Gain after Pin of 41.0 dBm for 30 seconds
Gain after Pin of 41.5 dBm for 30 seconds
Gain after Pin of 42.0 dBm for 30 seconds
Gain after Pin of 42.5 dBm for 30 seconds
Gain after Pin of 43.0 dBm for 30 seconds
Gain after Pin of 40.5 dBm for 30 seconds
TYPICAL MEASURED NOISE FIGURE OF THE THREE-STAGE LIMITER/LNA TESTED
BEFORE AND AFTER 30 SECONDS EXPOSURE @ VARIOUS CW POWER
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
FREQUENCY ( GHz )
NF after Pin of 40.5 dBm for 30 seconds
NF after Pin of 41.0 dBm for 30 seconds
NF after Pin of 41.5 dBm for 30 seconds
NF after Pin of 42.0 dBm for 30 seconds
NF after Pin of 42.5 dBm for 30 seconds
NF after Pin of 43.0 dBm for 30 seconds
NF after Pin of 40.5 dBm for 30 seconds



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com