Electronic Components Datasheet Search
  English  ▼

X  

RFSA2524 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFSA2524
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2524 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFSA2524 Datasheet HTML 5Page - RF Micro Devices RFSA2524 Datasheet HTML 6Page - RF Micro Devices RFSA2524 Datasheet HTML 7Page - RF Micro Devices RFSA2524 Datasheet HTML 8Page - RF Micro Devices RFSA2524 Datasheet HTML 9Page - RF Micro Devices RFSA2524 Datasheet HTML 10Page - RF Micro Devices RFSA2524 Datasheet HTML 11Page - RF Micro Devices RFSA2524 Datasheet HTML 12Page - RF Micro Devices RFSA2524 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10 of 13
RFSA2524
DS120706
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Bill of Materials (BOM)
Description
Reference
Designator
Manufacturer
Manufacturer’s P/N
RFSA2714 Evaluation Board
PCB Itself
Dynamic Details (DDI) Toronto
SA2714410(A)
50MHz to 4000MHz, Serial 5-Bit DSA 1dB Step
U1
RFMD
RFSA2524SB
CAP, 10000pF, 10%, 25V, X7R, 0402
C11-C12
Murata Electronics
GRM155R71E103KA01D
CAP, 1000pF, 10%, 50V, X7R, 0402
C7
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
RES, 0Ω, 0402
R1-R2, R4-R5, R8
Kamaya, Inc
RMC1/16SJPTH
CONN, SMA, END LNCH, UNIV, HYB MNT, FLT
J1-J2, J99-J100
Molex
SD-73251-4000
CONN, HDR, ST, PLRZD, 9-PIN
P1
ITW Pancon
MPSS100-9-C
CONN, SKT, 24-PIN DIP, .600", T/H
P2
Aries Electronics Inc.
24-6518-10
MOD, USB TO SERIAL UART, SSOP-28
M1 (See Note Below)
Future Technology Devices Int'l
UM232R
DNP
C1-C6, C8-C9, C13-C20
NA
NA
DNP
R3, R6- R7
NA
NA
Note: M1 is to be mounted into P2 with respect to the Pin 1 alignment of M1 and P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com