Electronic Components Datasheet Search
  English  ▼

X  

RFSA2534 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFSA2534
Description  50MHz to 4000MHz, Digital Step Attenuator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2534 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFSA2534 Datasheet HTML 4Page - RF Micro Devices RFSA2534 Datasheet HTML 5Page - RF Micro Devices RFSA2534 Datasheet HTML 6Page - RF Micro Devices RFSA2534 Datasheet HTML 7Page - RF Micro Devices RFSA2534 Datasheet HTML 8Page - RF Micro Devices RFSA2534 Datasheet HTML 9Page - RF Micro Devices RFSA2534 Datasheet HTML 10Page - RF Micro Devices RFSA2534 Datasheet HTML 11Page - RF Micro Devices RFSA2534 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150626
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 12
RFSA2534
Pin Names and Descriptions
Pin
Name
Description
1
NC
No Connect
2
RFIN
RF Input: Incident RF power must enter this pin for rated thermal performance and reliability. Do not apply DC
power to this pin. Pin may be DC grounded externally and is grounded thru resistors internal to the part.
3
NC
No Connect
4
DC
Don’t Care: This pin is open inside the package
5
NC
No Connect
6
NC
No Connect
7
DC
Don’t Care: This pin is open inside the package
8
CLK
Serial Clock Input
9
LE
Latch Enable: The leading edge of signal on LE causes the attenuator to change state
10
NC
No Connect
11
SI
Serial Data Input
12
NC
No Connect
13
NC
No Connect
14
VDD
Supply for DSA and logic circuitry
15
NC
No Connect
16
NC
No Connect
17
RFOUT
RF Output: Incident RF power must enter this pin for rated thermal performance and reliability. Do not apply
DC power to this pin. Pin may be DC grounded externally and is grounded thru resistors internal to the part.
18
NC
No Connect
19
GND
Ground this pin on the PCB
20
GND
Ground this pin on the PCB
21
GND
Ground this pin on the PCB
22
GND
Ground this pin on the PCB
23
GND
Ground this pin on the PCB
24
GND
Ground this pin on the PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com