Electronic Components Datasheet Search
  English  ▼

X  

MA02104AF Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA02104AF
Description  3.6V 1.2W RF Power Amplifier IC for N-PCS/ISM900
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02104AF Datasheet(HTML) 1 Page - Tyco Electronics

  MA02104AF Datasheet HTML 1Page - Tyco Electronics MA02104AF Datasheet HTML 2Page - Tyco Electronics MA02104AF Datasheet HTML 3Page - Tyco Electronics MA02104AF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MA02104AF
3.6V 1.2W RF Power Amplifier IC
for N-PCS/ISM900
Specifications subject to change without notice.
901753 G
North America: Tel. (800)366-2266, Fax (800)618-8883
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
Applications
Two-Way Paging
Wireless Modems
Cordless Telephones
Telemetry
900 MHz ISM
Features
•= Single Positive Supply
•= 16 Pin TSSOP Plastic Package
•= Class AB Bias
•= 800 - 1000 MHz Operation
•= 50Ω Input Impedance
•= Single Capacitor Output Match
•= Self-Aligned MSAG®-Lite MESFET Process
•= Guaranteed Stability and Ruggedness
Typical 3.6 Volt Performance
30.8 dBm Power Output
30.8 dB Power Gain
60% Drain Efficiency (output stage FET)
45% Power Added Efficiency
-36 dBc 2
nd Harmonic
-54 dBc 3
rd Harmonic
V
DD2
GND
GND
GND
RF OUT/V
DD3
GND
GND
N/C
VDD1
N/C
GND
GND
RF IN
GND
GND
N/C
ELECTRICAL CHARACTERISTICS V
DD=3.6 V, PIN=0 dBm, TS=40 °C (Note 1), Output externally matched to 50
Ω System.
Characteristic
Symbol
Min
Typical
Max
Unit
Frequency Range
ƒ
900
942
MHz
Output Power, f = 900 MHz
POUT
30.4
30.9
31.5
dBm
Power Added Efficiency , f = 900 MHz
η
40
45
%
Harmonics
2ƒo
3ƒo
−36
−54
-31
-40
dBc
dBc
Input VSWR
—
1.4:1
2.0:1
—
Thermal Resistance (Junction of 3rd stage FET to solder point of
pin 13)
RTH J-S
47
°C/W
Load Mismatch (V
DD = 4.6 V, PIN = +3 dBm, VSWR = 8:1)
—
No Degradation in Power Output
Stability (P
IN = -15 to +3 dBm, VDD = 3.6, 4.6 V, TS = -40 to +100
°C,
Load VSWR = 8:1)
—
All non-harmonically related outputs
more than 60 dB below desired signal
Note 1:
TS is the temperature measured at the soldering point of pin 13, mounted on 60 mil GETEK evaluation board in a free air condition with
ambient room temperature TA=25 °C. The electrical data presented herein was taken with the evaluation board shown in Figures 1 and 6,
under room temperature conditions and CW operation, unless otherwise specified.


Similar Part No. - MA02104AF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02107AF MACOM-MA02107AF Datasheet
143Kb / 4P
3.4 V, 1.2 W RF Power Amplifier IC
MA02107AF-R13 MACOM-MA02107AF-R13 Datasheet
143Kb / 4P
3.4 V, 1.2 W RF Power Amplifier IC
MA02107AF-R7 MACOM-MA02107AF-R7 Datasheet
143Kb / 4P
3.4 V, 1.2 W RF Power Amplifier IC
MA02107AF-SMB MACOM-MA02107AF-SMB Datasheet
143Kb / 4P
3.4 V, 1.2 W RF Power Amplifier IC
More results

Similar Description - MA02104AF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7110 PANASONIC-AN7110 Datasheet
72Kb / 3P
1.2W Audio Power Amplifier
logo
Tyco Electronics
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
3.6V 0.5W RF Power Amplifier IC for DECT
logo
Samsung semiconductor
KA2214 SAMSUNG-KA2214 Datasheet
115Kb / 3P
1.2W DUAL POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD820 YOUDA-YD820 Datasheet
79Kb / 4P
1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TBA820M TGS-TBA820M Datasheet
209Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M_10 Datasheet
117Kb / 5P
1.2W AUDIO POWER AMPLIFIER
logo
Texas Instruments
TRF4002 TI1-TRF4002 Datasheet
136Kb / 8P
PCS RF POWER AMPLIFIER
logo
SG Micro Corp
SGM4891 SGMICRO-SGM4891 Datasheet
295Kb / 11P
1.2W Audio Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com