Electronic Components Datasheet Search
  English  ▼

X  

RFSA2654SR Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFSA2654SR
Description  SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2654SR Datasheet(HTML) 5 Page - RF Micro Devices

  RFSA2654SR Datasheet HTML 1Page - RF Micro Devices RFSA2654SR Datasheet HTML 2Page - RF Micro Devices RFSA2654SR Datasheet HTML 3Page - RF Micro Devices RFSA2654SR Datasheet HTML 4Page - RF Micro Devices RFSA2654SR Datasheet HTML 5Page - RF Micro Devices RFSA2654SR Datasheet HTML 6Page - RF Micro Devices RFSA2654SR Datasheet HTML 7Page - RF Micro Devices RFSA2654SR Datasheet HTML 8Page - RF Micro Devices RFSA2654SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RFSA2654
DS121031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Serial Port Interface
Truth Table
SPI Timing Diagram
Programming Example - 6-Bit
Control Bits
Relative Gain
Setting
C16
C8C4
C2C1
C0.5
11
11
11
Max gain
11
11
10
-0.5dB
11
11
01
-1dB
11
10
11
-2dB
11
01
11
-4dB
10
11
11
-8dB
01
11
11
-16dB
00
00
00
-31.5dB
SPI Timing Diagram Specifications
Parameter
Limit
Unit
Comment
Logic Voltage Levels
t1
25
MHz max
CLK Frequency
State
Logic
t2
20
ns min
CLK High
Low
0V to 0.8V
t3
20
ns min
CLK Low
High
2.0V to 5.0V
t4
5
ns min
DATA to CLK Setup Time
t5
5
ns min
DATA to CLK Hold Time
Power-up Programming Truth Table
t6
30
ns min
Data Valid
PUP
Attenuator Setting
t7
5
ns min
LE to CLK Setup Time
Low
Attenuation at max, 31.5dB
t8
5
ns min
CLK to LE Setup Time
High
Attenuation at min, 0dB
t9
10
ns min
LE Pulse Width
t10
20
ns min
Output Set
CLK
DATA
t6
LE
t1
t2
t3
t4
t5
t7
t8
DOUT
t9
t10
MSB
D5
D4
D3
D1
D2
CLK
DATA
LE
LSB
D0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com