Electronic Components Datasheet Search
  English  ▼

X  

MA02203AD Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA02203AD
Description  3.6 V, 450 mW DECT RF Power Amplifier IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02203AD Datasheet(HTML) 2 Page - Tyco Electronics

  MA02203AD Datasheet HTML 1Page - Tyco Electronics MA02203AD Datasheet HTML 2Page - Tyco Electronics MA02203AD Datasheet HTML 3Page - Tyco Electronics MA02203AD Datasheet HTML 4Page - Tyco Electronics MA02203AD Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Part Description
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Visit www.macom.com for additional data sheets and product information.
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02203AD
V 1.0
Electrical Specifications: TS = 40 °C
1, Z
0 = 50
Ω
Ω2,3
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency
MHz
1880
1900
Output Power
dBm
25.5
26.5
27.5
Pout Frequency Dependency
dB
0.2
0.5
Power Gain
dB
24.5
Current Consumption
mA
350
420
Input VSWR, PA On
-
1.6:1
2.0:1
Input VSWR, PA Off
VDD1, VDD2 = 0 V
-
1.4:1
2.0:1
Isolation, PA Off
VDD1, VDD2 = 0 V
dB
40
2
nd Harmonics
dBc
31
3
rd Harmonics
dBc
55
Thermal Resistance
Junction of 2nd stage FET to pin 11, Duty
Cycle=50%
oC/W
63
Load Mismatch
VDD = 4.6 V, VSWR = 10:1, PIN = 7 dBm
-
No degradation
Stability
PIN = -3 to +7 dBm, VDD = 0 - 4.6 V, 0 mW
< POUT < 450 mW, TS = -40 to +75
°C, Load
VSWR = 10:1
-
All spurs < -60 dBc
1. Ts is the temperature measured at the soldering point of pin 11.
2. Unless otherwise specified, input power is +2 dBm, VDD is +3.6 V, and test frequency is 1890 MHz.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max Input Power
+6 dBm
Operating Voltages
+5.5 volts
Operating Temperature, Ts
-40 °C to +75 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
1. Exceeding any one or combination of these limits may cause permanent damage.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com