Electronic Components Datasheet Search
  English  ▼

X  

MA02205AF Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA02205AF
Description  3.6V 0.5W RF Power Amplifier IC for DECT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02205AF Datasheet(HTML) 1 Page - Tyco Electronics

  MA02205AF Datasheet HTML 1Page - Tyco Electronics MA02205AF Datasheet HTML 2Page - Tyco Electronics MA02205AF Datasheet HTML 3Page - Tyco Electronics MA02205AF Datasheet HTML 4Page - Tyco Electronics MA02205AF Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MA02205AF
3.6V 0.5W RF Power Amplifier IC
for DECT
Specifications subject to change without notice.
901981 E
North America: Tel. (800)366-2266, Fax (800)618-8883
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
Applications
DECT
PCS
Personal Wireless Telephony (PWT)
Cordless PBX
Radio/Wireless Local Loop (RLL/WLL)
Features
•= Single Positive Supply
•= 54% Power Added Efficiency
•= 100% Duty Cycle
•= 1.2:1 Input VSWR in both On and Off states
•= 1800 to 2000 MHz Operation
•= 16 Pin TSSOP Plastic Package
•= Accommodates Battery Charging Conditions up to 5.5 Volts
•= Self-Aligned MSAG®-Lite MESFET Process
54% PAE
100% Duty Cycle
N/C
VGG2
GND
GND
VDD1
RFIN/VGG1
GND
GND
GND
VGG3
GND
GND
VDD2
RFOUT/VDD3
GND
GND
ELECTRICAL CHARACTERISTICS V
DD= 3.6 V, PIN= -2 dBm, TA=25 °C, Output externally matched to 50
Ω
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
ƒ
1880
1930
MHz
Output Power, f = 1900 MHz
POUT
26.2
27.2
28.2
dBm
Power Gain
GP
29.3
dB
Gain Slope, f=1930 to 1880 MHz
—
0.008
0.012
dB/MH
z
Power Added Efficiency, f = 1900 MHz
η
49
54
%
Drain Current
IDD
270
mA
Harmonics
2ƒo
3ƒo
-34
-38
-30
-34
dBc
dBc
Input VSWR
(VDD = 0.0 V)
(VDD = 3.6 V)
—
—
1.2:1
1.2:1
2.0:1
2.0:1
—
—
Off Isolation (V
DD=0 V)
—
40
dB
Thermal Resistance (Junction of 3rd stage FET to solder point of pin
13)
RTH J-S
51
°C/W
Load Mismatch (V
DD = 5.5 V, VSWR = 8:1, PIN = -2 dBm)
—
No Degradation in Power Output
Stability (P
IN = -2 dBm, VDD = 0-5.5 V, TS= -40 to +85
°C,
Load VSWR = 5:1)
—
All non-harmonically related outputs more than
60 dB below desired signal


Similar Part No. - MA02205AF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02203AD-R13 MACOM-MA02203AD-R13 Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02203AD-R7 MACOM-MA02203AD-R7 Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02204AF MACOM-MA02204AF Datasheet
162Kb / 4P
3.3V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
3.6V 0.5W RF Power Amplifier IC for DECT
More results

Similar Description - MA02205AF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02104AF MACOM-MA02104AF Datasheet
166Kb / 4P
3.6V 1.2W RF Power Amplifier IC for N-PCS/ISM900
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02204AF MACOM-MA02204AF Datasheet
162Kb / 4P
3.3V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
3.6V 0.5W RF Power Amplifier IC for DECT
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
DECT Power Amplifier
logo
TEMIC Semiconductors
U2761B TEMIC-U2761B Datasheet
271Kb / 11P
DECT RF / IF IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com