Electronic Components Datasheet Search
  English  ▼

X  

MA08509D Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA08509D
Description  10W Power Amplifier Die Preliminary Release 8.0-11 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA08509D Datasheet(HTML) 2 Page - Tyco Electronics

  MA08509D Datasheet HTML 1Page - Tyco Electronics MA08509D Datasheet HTML 2Page - Tyco Electronics MA08509D Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10W Power Amplifier Die (8-11 GHz)
MA08509D
Specifications subject to change without notice.
902179 D
North America: Tel. (800)366-2266, Fax (800)618-8883
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
TYPICAL CHARACTERISTICS (VDD = 10 V, VGG = -4 V, PIN = 18 dBm)
30
32
34
36
38
40
42
8
8.25
8.5
8.75
9
9.25
9.5
9.75
10
10.25
10.5
10.75
11
Frequency(GHz)
0
4
8
12
16
20
24
28
32
8
8.25
8.5
8.75
9
9.25
9.5
9.75
10
10.25
10.5
10.75
11
Frequency (GHz)
Figure 1. Output Power vs. Frequency
Figure 2. Gain vs. Frequency
0
5
10
15
20
25
30
35
40
45
8
8.25
8.5
8.75
9
9.25
9.5
9.75
10
10.25
10.5
10.75
11
Frequency (GHz)
-25
-20
-15
-10
-5
0
8
8.25
8.5
8.75
9
9.25
9.5
9.75
10
10.25
10.5
10.75
11
Frequency (GHz)
Figure 3. Power Added Efficiency vs. Frequency
Figure 4. Input Return Loss vs. Frequency



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com