Electronic Components Datasheet Search
  English  ▼

X  

2MC04041 Datasheet(PDF) 1 Page - RMT Ltd.

Part # 2MC04041
Description  Thermoelectric Cooling Solutions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

2MC04041 Datasheet(HTML) 1 Page - RMT Ltd.

  2MC04041 Datasheet HTML 1Page - RMT Ltd. 2MC04041 Datasheet HTML 2Page - RMT Ltd. 2MC04041 Datasheet HTML 3Page - RMT Ltd. 2MC04041 Datasheet HTML 4Page - RMT Ltd. 2MC04041 Datasheet HTML 5Page - RMT Ltd. 2MC04041 Datasheet HTML 6Page - RMT Ltd. 2MC04041 Datasheet HTML 7Page - RMT Ltd. 2MC04041 Datasheet HTML 8Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 1 of 8
Manufacturing options
Performance Parameters
Dimensions
2MC04-041-XX
Performance data are given for 300K, vacuum
Type
ΔTmax
K
Qmax
W
Imax
A
Umax
V
AC R
Ohm
H
mm
2MC04-041-xx (N=41)
2MC04-041-xx (N=41)
2MC04-041-xx (N=41)
2MC04-041-xx (N=41)
2MC04-041-xx (N=41)
2MC04-041-xx (N=41)
2MC04-041-xx (N=41)
2MC04-041-05
95
1.39
1.2
3.7
2.59
2.7
2MC04-041-08
95
0.89
0.7
3.7
4.11
3.3
2MC04-041-10
95
0.72
0.6
3.7
5.12
3.7
2MC04-041-12
95
0.60
0.5
3.7
6.13
4.1
2MC04-041-15
95
0.48
0.4
3.7
7.64
4.7
A. TEC Assembly:
A. TEC Assembly:
C. Ceramics Surface Options:
C. Ceramics Surface Options:
C. Ceramics Surface Options:
D. Thermistor (optional)
D. Thermistor (optional)
* 1. Solder SnSb (Tmelt=230°C)
1. Blank ceramics (not metallized)
1. Blank ceramics (not metallized)
Can be mounted to cold side
2. Solder AuSn (Tmelt=280°C)
2. Metallized (Au plating)
2. Metallized (Au plating)
ceramics edge. Calibration is
3. Metallized and pre-tinned with:
3. Metallized and pre-tinned with:
available by request.
B. Ceramics:
B. Ceramics:
3.1 Solder 117 (In-Sn, Tmelt =117°C)
E. Terminal contacts
E. Terminal contacts
* 1.Pure Al2O3(100%)
3.2 Solder 138 (Sn-Bi, Tmelt = 138°C)
1. Blank, tinned Copper
2.Alumina (Al2O3- 96%)
3.3 Solder 143 (In-Ag, Tmelt = 143°C)
2. Insulated Wires
3.Aluminum Nitride (AlN)
3.4 Solder 157 (In, Tmelt = 157°C)
3. Insulated, color coded
* - used by default
* - used by default
3.5 Solder 183 (Pb-Sn, Tmelt =183°C)
3.6 Optional (specified by Customer)
Thermoelectric Cooling Solutions


Similar Part No. - 2MC04041

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
2MC04015 RMT-2MC04015 Datasheet
2Mb / 9P
Thermoelectric Cooling Solutions
2MC04021 RMT-2MC04021 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
2MC04039 RMT-2MC04039 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
2MC04059 RMT-2MC04059 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
2MC04059 RMT-2MC04059_1 Datasheet
2Mb / 7P
Thermoelectric Cooling Solutions
More results

Similar Description - 2MC04041

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC04018 RMT-1MC04018_1 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
2MC06015 RMT-2MC06015 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
2MC06041 RMT-2MC06041_1 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
2MC06081 RMT-2MC06081 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
3MC04046 RMT-3MC04046 Datasheet
2Mb / 9P
Thermoelectric Cooling Solutions
3MC04076 RMT-3MC04076 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
3MC06024 RMT-3MC06024 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
3MC06046 RMT-3MC06046 Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
1ML06023_T RMT-1ML06023_T Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
1ML06035_T RMT-1ML06035_T Datasheet
2Mb / 8P
Thermoelectric Cooling Solutions
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com