| Electronic Components Datasheet Search |
|
2MC04081 Datasheet(PDF) 6 Page - RMT Ltd. |
|
|
|||||||||||||||||||||||||||||
2MC04081 Datasheet(HTML) 6 Page - RMT Ltd. |
|
6 / 8 page ![]() 46 Warshavskoe shosse. Moscow 115230 Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice. Page 6 of 8 Thermoelectric Cooler Overview Thermoelectric Cooling Solutions Cold side Ceramics (top side) Al2O3 Ceramics by default (AlN solution is available by request) TE Cooler Lead Free Internal Assembly (Lead-Free Solder 230, Sn-Sb) Pellets (BiTe posts) Hot Side Ceramics (bottom side) Terminal Wires Application Tips 1. Never heat TE module more than 200˚C (TEC assembled at 230˚C). 2. Never use TE module without an attached heat sink at hot (bottom) side. 1. Connect TE module to DC power supply according to polarity. 2. Do not apply DC current higher than Imax. Installation 1. Mechanical Mounting. TEC is placed between two heat exchangers . This construction is fixed by screws or in another mechanical way. It is suitable for large modules (with dimensions 30x30mm and larger). Miniature types require other assembling methods in most cases. 1. Soldering. This method is suitable for a TE module with metallized outside surfaces. RMT provides this option and also makes pre-tinning for TE modules. 2. Glueing. It is an up-to-date method that is used by many customers due to availability of glues with good thermoconductive properties. A glue is usually based on some epoxy compound filled with some thermoconductive material such as graphite or diamond powders, silver, SiN and others. The application of a specific type depends on application features and the type of a TE module. 1 2 3 Object being cooled Object being cooled Heatsink Heatsink TEC TEC Soldering Gluing Screw mounting + - TEC Polarity (can be modified by request) Middle Ceramics |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |