Electronic Components Datasheet Search
  English  ▼

X  

LT8490 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8490
Description  High Voltage, High Current Buck-Boost Battery Charge Controller with Maximum Power Point Tracking
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8490 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8490_15 Datasheet HTML 17Page - Linear Technology LT8490_15 Datasheet HTML 18Page - Linear Technology LT8490_15 Datasheet HTML 19Page - Linear Technology LT8490_15 Datasheet HTML 20Page - Linear Technology LT8490_15 Datasheet HTML 21Page - Linear Technology LT8490_15 Datasheet HTML 22Page - Linear Technology LT8490_15 Datasheet HTML 23Page - Linear Technology LT8490_15 Datasheet HTML 24Page - Linear Technology LT8490_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
LT8490
21
8490f
For more information www.linear.com/LT8490
applicaTions inForMaTion
Figure 12. Battery Temperature Sensing Circuit
Figure 13. Stage 2 Voltage Limit vs Temperature
When Temperature Compensation Is Enabled
8490 F12
LT8490
GND
AVDD
TEMPSENSE
100nF
11.5k
CABLE
TO/FROM
CHARGER
10k NTC THERMISTOR
THERMALLY COUPLED
WITH BATTERY PACK
TO CHARGER OUTPUT
AT RSENSE2
When temperature compensated charging and Stage 3
are enabled, use:
CHARGECFG1% = 2.67 •
VS3
VS2
− 0.85
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟+0.55
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
• 100%
When temperature compensated charging is disabled and
Stage 3 is enabled, use:
CHARGECFG1% = 2.72− 2.67 •
VS3
VS2
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
• 100%
where VS3/VS2 should be between 0.86 to 0.99.
For example, to enable temperature compensated charg-
ing with VS3 set to 93% of VS2, choose a divider that puts
CHARGECFG1 at 76% of AVDD. For best accuracy use
resistors that have a 1% tolerance or better.
Temperature Measurement, Compensation and Fault
The LT8490 can measure the battery temperature using
an NTC (negative temperature coefficient) thermistor
thermally coupled to the battery pack. The temperature
monitoring function is enabled by connecting a 10kΩ,
ß = 3380 NTC thermistor from the TEMPSENSE pin to
ground and an 11.5kΩ (1% tolerance or better) resistor
from AVDD to TEMPSENSE (as shown in Figure 12). If
battery temperature monitoring is not required, then use a
10kΩ resistor in place of the thermistor. This will indicate
to the LT8490 that the battery is always at 25°C.
The LT8490 monitors the voltage on the TEMPSENSE pin
to determine the battery temperature and also to detect if
the thermistor is connected or not. A TEMPSENSE volt-
age greater than 96% of AVDD (typical) indicates that the
thermistorhasbeendisconnected.Threechargerfunctions
rely on the TEMPSENSE information.
1. INVALID BATTERY TEMPERATURE FAULT: A tempera-
turefaultoccurswhenthebatterytemperatureisoutside
ofthevalidrangeasconfiguredontheCHARGECFG2pin
(–20°C to 50°C or 0°C to 50°C). The temperature fault
condition remains until the temperature returns within
–15°Cto45°Cor5°Cto45°C(5°Cofhysteresis).During
a temperature fault, charging is halted and the STATUS
and FAULT pins follow the pattern described in Table 6.
If timer termination is enabled with the CHARGECFG2
pin, the timer count is paused during the temperature
fault and resumes when the fault state is exited.
2. BATTERY VOLTAGE TEMPERATURE COMPENSATION:
Some battery chemistries charge best when the voltage
limit is adjusted with battery temperature. Lead-acid
batteries, in particular, experience a significant change
in the ideal charging voltage as temperature changes. If
enabledwiththeCHARGECFG1pin,thebatterycharging
voltage and all related voltage thresholds are automati-
cally adjusted with battery temperature. As the voltage
on the TEMPSENSE pin changes, the PWM duty cycle
from the FBOW pin changes such that the voltage limits
of the LT8490 follow the curve shown in Figure 13.
BATTERY TEMPERATURE (°C)
–25
96
98
100
102
104
106
108
112
110
–5
15
35
–15
5
25
40
55
8490 F13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com