Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8705
Description  80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8705_15 Datasheet HTML 17Page - Linear Technology LT8705_15 Datasheet HTML 18Page - Linear Technology LT8705_15 Datasheet HTML 19Page - Linear Technology LT8705_15 Datasheet HTML 20Page - Linear Technology LT8705_15 Datasheet HTML 21Page - Linear Technology LT8705_15 Datasheet HTML 22Page - Linear Technology LT8705_15 Datasheet HTML 23Page - Linear Technology LT8705_15 Datasheet HTML 24Page - Linear Technology LT8705_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
LT8705
21
8705fe
For more information www.linear.com/LT8705
applicaTions inForMaTion
The duty cycle of CLKOUT is proportional to the die tem-
perature and can be used to monitor the die for thermal
issues.SeetheJunctionTemperatureMeasurementsection
for more information.
Inductor Current Sensing and Slope Compensation
TheLT8705operatesusinginductorcurrentmodecontrol.
As described previously in the Power Switch Control sec-
tion,theLT8705measuresthepeakoftheinductorcurrent
waveform in the boost region and the valley of the inductor
current waveform in the buck region. The inductor current
is sensed across the RSENSE resistor with pins CSP and
CSN. During any given cycle, the peak (boost region) or
valley (buck region) of the inductor current is controlled
by the VC pin voltage.
Slope compensation provides stability in constant-
frequency current mode control architectures by prevent-
ing subharmonic oscillations at high duty cycles. This
is accomplished internally by adding a compensating
ramp to the inductor current signal in the boost region,
or subtracting a ramp from the inductor current signal
in the buck region. At higher duty cycles, this results in
a reduction of maximum inductor current in the boost
region, and an increase of the maximum inductor current
in the buck region. For example, refer to the Maximum
Inductor Current Sense Voltage vs Duty Cycle graph in the
Typical Performance Characteristics section. The graph
showsthat,withVCatitsmaximumvoltage,themaximum
inductor sense voltage VRSENSE is between 78mV and
117mV depending on the duty cycle. It also shows that
the maximum inductor valley current in the buck region
is 86mV increasing to ~130mV at higher duty cycles.
RSENSE Selection and Maximum Current
The RSENSEresistancemustbechosenproperlytoachieve
thedesiredamountofoutputcurrent.Toomuchresistance
can limit the output current below the application require-
ments.StartbydeterminingthemaximumallowedRSENSE
resistance in the boost region, RSENSE(MAX,BOOST). Follow
this by finding the maximum allowed RSENSE resistance in
the buck region, RSENSE(MAX,BUCK). The selected RSENSE
resistance must be smaller than both.
Boost Region: In the boost region, the maximum output
current capability is the least when VIN is at its minimum
and VOUT is at its maximum. Therefore RSENSE must be
chosen to meet the output current requirements under
these conditions.
Start by finding the boost region duty cycle when VIN is
minimum and VOUT is maximum using:
DC(MAX,M3,BOOST) ≅ 1–
VIN(MIN)
VOUT(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟•100%
For example, an application with a VIN range of 12V to
48V and VOUT set to 36V will have:
DC(MAX,M3,BOOST) ≅ 1–
12V
36V
⎛
⎝
⎜
⎞
⎠
⎟•100%= 67%
Referring to the Maximum Inductor Current Sense Volt-
age graph in the Typical Performance Characteristics
section, the maximum RSENSE voltage at 67% duty cycle
is ≅93mV, or:
VRSENSE(MAX,BOOST, MAX) ≅93mV
for VIN = 12V, VOUT = 36V.
Next, the inductor ripple current in the boost region must
be determined. If the main inductor L is not known, the
maximum ripple current ∆IL(MAX,BOOST) can be estimated
by choosing ∆IL(MAX,BOOST) to be 30% to 50% of the
maximum inductor current in the boost region as follows:
∆IL(MAX,BOOST) ≅
VOUT(MAX) •IOUT(MAX,BOOST)
VIN(MIN) •
100%
%Ripple
– 0.5
⎛
⎝
⎜
⎞
⎠
⎟
A
where:
IOUT(MAX,BOOST) is the maximum output load current
required in the boost region
%Ripple is 30% to 50%
For example, using VOUT(MAX) = 36V, VIN(MIN) = 12V,
IOUT(MAX,BOOST)=2Aand%Ripple=40%wecanestimate:
∆IL(MAX,BOOST) ≅
36V •2A
12V • 100%
40%
– 0.5
⎛
⎝
⎜
⎞
⎠
⎟
= 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com