Electronic Components Datasheet Search
  English  ▼

X  

MA4BPS101 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4BPS101
Description  PIN Diode Chips with Offset Bond Pads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4BPS101 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4BPS101 Datasheet HTML 1Page - Tyco Electronics MA4BPS101 Datasheet HTML 2Page - Tyco Electronics MA4BPS101 Datasheet HTML 3Page - Tyco Electronics MA4BPS101 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PIN Diode Chips With Offset Bond Pads
MA4BPS101, MA4BPS201, MA4BPS301
M/A-COM Division of AMP Incorporated
Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.01
Equivalent Circuits
Devices Typical Forward Bias Equivalent Circuit
Devices Typical Forward Bias Equivalent Circuit
Ls
Cp
Cp
Ls
Rs
Lv
Ls
Ls
Cp
Cp
Lv
Rp
Cj
Rs
Cp
Ls
Lv
Conditions
10mA @
1 GHz
Units
Ohms
pF
nH
nH
MA4BPS101
1.9
0.03
0.05
0.08
MA4BPS201
1.0
0.03
0.05
0.05
MA4BPS301
0.9
0.03
0.05
0.04
Cj
Rp
Cp
Ls
Lv
Conditions
-5V @
1 MHz
0V @
1 GHz
-
Units
pF
KW
pF
nH
nH
MA4BPS101
0.07
14
0.03
0.05
0.08
MA4BPS201
0.14
6
0.03
0.05
0.05
MA4BPS301
0.24
6
0.03
0.05
0.04
Note: Since the spice models for PIN and PN Junctions do not accurately predict the effects of stored charge, M/A-COM does not provide Spice
Parameters for PIN diodes. On wafer S-Parameter Data are available.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com