Electronic Components Datasheet Search
  English  ▼

X  

MA46H072 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA46H072
Description  Surface Mount GaAs Tuning Varactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA46H072 Datasheet(HTML) 4 Page - Tyco Electronics

  MA46H072 Datasheet HTML 1Page - Tyco Electronics MA46H072 Datasheet HTML 2Page - Tyco Electronics MA46H072 Datasheet HTML 3Page - Tyco Electronics MA46H072 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Surface Mount GaAs Tuning Varactors
MA46 Series
V3.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
4
Specifications Subject to Change Without Notice.
Dot Indicates
Cathode
Top View
A
Bottom View
C
45
˚
Typ
E
A
Side View
F
B
D
Not to Scale
Top View
A
Dot Indicates
Cathode
C
B
D
Side View
H Typ.
F
E
Typ.
G
Ordering Information
These GaAs tuning varactors are available in either case
style as shown. When ordering, specify the desired case
style by adding the case designation as a suffix to the
model number. For example, a MA46H200-1088 speci-
fies a 1.25 gamma hyperabrupt tuning diode in case
style 1088.
Case Styles
1056
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.175
0.195
4.44
4.95
B
0.040
0.050
1.02
1.27
C
0.085
0.095
2.16
2.41
D
0.015
0.025
0.38
0.64
E
0.010
0.015
0.25
0.38
F
0.015
0.020
0.38
0.51
G
0.004
0.006
0.10
0.15
H
0.020
0.030
0.51
0.76
J
0.013
0.033
0.33
0.84
K
0.003
0.005
0.08
0.13
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.065
0.075
1.72
1.90
B
0.034
0.041
0.86
1.04
C
0.030
0.036
0.76
0.91
D
0.013
0.017
0.33
0.44
E
0.010
0.014
0.25
0.36
F
0.043
0.053
1.09
1.35
Package Capacitance: 0.15 pF Typical
Package Inductance: 0.45 nH Typical
Package Capacitance: 0.13 pF Typical
Package Inductance: 0.50 nH Typical
1088



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com