Electronic Components Datasheet Search
  English  ▼

X  

MA46607 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA46607
Description  GaAs Abrupt Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA46607 Datasheet(HTML) 1 Page - Tyco Electronics

  MA46607 Datasheet HTML 1Page - Tyco Electronics MA46607 Datasheet HTML 2Page - Tyco Electronics MA46607 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
GaAs Abrupt
Tuning Varactors
MA46600 Series
Features
q
Highest Q
q
Large Capacitance Variation with Voltage
q
Custom Tailored Designs Available on Request
Description
The MA46600 series of microwave tuning varactors is a
family of abrupt junction gallium arsenide devices featur-
ing Q factors in excess of 8000. This series is specifically
designed for broadband high Q tuning performance (up
to 8000 at -4 volts and 50 MHz) from L through Ka band.
Characteristics such as high reliability, low leakage and
close capacitance tracking between diodes are typical of
these devices. Standard capacitance matching is ± 10%,
but closer matching is available upon request. All diode
types are available in a wide selection of ceramic pack-
ages as well as in chip form.
Applications
The MA46600 series of tuning varactors can be used for
both broad and narrow band tuning through Ka-band.
Typical applications include solid state tuning of VCOs
using transistors or Gunns as well as voltage tunable
filters and amplifier circuits. The GaAs abrupt junction
tuning varactors offer the highest Q of any tuning varac-
tors and are utilized in high frequency applications where
Q is premium.
Case Styles


Similar Part No. - MA46607

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46600 MACOM-MA46600 Datasheet
73Kb / 2P
GaAs, High Q Abrupt Tuning Varactors
logo
M/A-COM Technology Solu...
MA46600 MA-COM-MA46600 Datasheet
77Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46600 MA-COM-MA46600 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46600 MA-COM-MA46600 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46600 MA-COM-MA46600 Datasheet
550Kb / 3P
GaAs High Q Abrupt Tuning Varactors
More results

Similar Description - MA46607

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1405 ALPHA-SMV1405 Datasheet
480Kb / 3P
Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA45430 MACOM-MA45430 Datasheet
68Kb / 2P
Surface Mount Abrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1493 SKYWORKS-SMV1493 Datasheet
64Kb / 5P
Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA46600 MACOM-MA46600_1 Datasheet
73Kb / 2P
GaAs, High Q Abrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405 Datasheet
100Kb / 5P
Abrupt Junction Tuning Varactors
logo
M/A-COM Technology Solu...
MA46600 MA-COM-MA46600 Datasheet
77Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46600_V6 MA-COM-MA46600_V6 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46600 MA-COM-MA46600 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46600 MA-COM-MA46600_15 Datasheet
550Kb / 3P
GaAs High Q Abrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405_16 Datasheet
726Kb / 10P
Plastic Packaged Abrupt Junction Tuning Varactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com