Electronic Components Datasheet Search
  English  ▼

X  

MA44652B Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA44652B
Description  Step Recovery Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA44652B Datasheet(HTML) 3 Page - Tyco Electronics

  MA44652B Datasheet HTML 1Page - Tyco Electronics MA44652B Datasheet HTML 2Page - Tyco Electronics MA44652B Datasheet HTML 3Page - Tyco Electronics MA44652B Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
3
Specifications Subject to Change Without Notice.
V3.00
Notes:
1. The standard case styles are indicated for each model number.
Other case styles are available. Consult the factory for information.
Step Recovery Diodes
MA43000, MA44600, MA44700 Series
Electrical Specifications @ 25° C (Cont’d)
High Power Circuit Tested Step Recovery Diodes
Min./Max.2
Minimum
Maximum
Reverse
Output
Input
Output
Input
Voltage
Model
Case1
Power
Frequency
Frequency
Power
V
R
Number
Style
(Watts)
(GHz)
(GHz)
(Watts)
(Volts)
MA43000
103
4.0
0.333
2.0
15
85 - 105
MA43002
91
1.5
2.000
6.0
5
45 - 70
MA43004
91
0.3
3.300
13.0
2
30 - 45
Min./Max.3
Junction
Min./Max.
Maximum
Maximum
Capacitance
Lifetime, T
L
Snap Time, T
S
Thermal
Model
C
j
10 mA/6 mA
-10V/10 mA
Resistance, jc
Number
(pF)
(ns)
(ps)
(C/W)
MA43000
3 - 4.50
250 - 500
600
12
MA43002
1.60 - 2.40
75 - 225
250
25
MA43004
0.45 - 0.85
20 - 50
150
45
Surface Mount Step Recovery Diodes (SOT-23)
Min./Max.
Minimum
Suggested
Total
Reverse
Capacitance
Voltage V
R
Nominal
Maximum
Nominal
Nominal
(pF)
(Volts)
Carrier
Transition
Input
Output
Model
f = 1 MHz
I
R = 10µA
Lifetime
Time
Frequency
Frequency
Number
V
R = 6 V
T
L (ns)
T
S (psec)
(GHz)
(GHz)
MA44767
3 - 4.5
250 - 500
600
0.05 - 0.5
0.5 - 1.5
MA44768
1.6 - 2.4
30V
75 - 225
250
0.1 - 1
0.5 - 2.5
MA44769
0.8 -1.2
20 - 50
150
0.1 - 1
1 - 5
2. Reverse voltage is measured at reverse bias current of 10 µA.
3. Junction capacitance is measured at a reverse bias of 6 volts and
a frequency of 1 MHz.
Case styles (See appendix for complete dimensions)
91
103
SOT-23 (High Profile)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com