Electronic Components Datasheet Search
  English  ▼

X  

MA44652C Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA44652C
Description  Step Recovery Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA44652C Datasheet(HTML) 1 Page - Tyco Electronics

  MA44652C Datasheet HTML 1Page - Tyco Electronics MA44652C Datasheet HTML 2Page - Tyco Electronics MA44652C Datasheet HTML 3Page - Tyco Electronics MA44652C Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
Step Recovery
Diodes
MA43000, MA44600,
MA44700 Series
Features
q
Low Transition Times
q
Tight Capacitance Ranges
q
High Voltage and Low Thermal Resistance
for Higher Input Power
q
Surface Mount Package Available (SOT-23)
Description
The MA44600 series of Step Recovery diodes is designed
for use in low and moderate power multipliers with out-
put frequencies of up to 20 GHz. These Step Recovery
diodes generate harmonics by storing a charge as the
diode is driven to forward conductance by the positive
voltage of the input signal. When the signal reverses
polarity, this charge is extracted. The Step Recovery diode
will appear as a low impedance current source until all the
charge is extracted, then it will “snap” to a higher imped-
ance. This causes a voltage pulse to form in the impulse
circuit of the multiplier. Step Recovery
diodes make
excellent high order multipliers such as comb generators.
They are also useful as efficient moderate power X2- X4
multipliers.
Applications
High Order Narrow Band Moderate Power Multipliers
(MA44600 series)
Comb Generators (MA43592, MA43543)
High Power Circuit Tested Multiplier (MA43000 Series)
Surface Mount Low Power Multipliers (MA44700 Series)


Similar Part No. - MA44652C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA44600 MACOM-MA44600 Datasheet
444Kb / 5P
Silicon Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA44600 MA-COM-MA44600 Datasheet
326Kb / 5P
Silicon Step Recovery Diodes
logo
Tyco Electronics
MA44621A MACOM-MA44621A Datasheet
444Kb / 5P
Silicon Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA44621A MA-COM-MA44621A Datasheet
326Kb / 5P
Silicon Step Recovery Diodes
logo
Tyco Electronics
MA44631A MACOM-MA44631A Datasheet
444Kb / 5P
Silicon Step Recovery Diodes
More results

Similar Description - MA44652C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA43000 MACOM-MA43000_1 Datasheet
444Kb / 5P
Silicon Step Recovery Diodes
MA44700 MACOM-MA44700 Datasheet
75Kb / 3P
Surface Mount Low Power Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA43000 MA-COM-MA43000 Datasheet
326Kb / 5P
Silicon Step Recovery Diodes
MA44700 MA-COM-MA44700 Datasheet
79Kb / 3P
Surface Mount Low Power Step Recovery Diodes
logo
Microsemi Corporation
GC2510 MICROSEMI-GC2510 Datasheet
173Kb / 3P
POWER GENERATION Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA44700_V6 MA-COM-MA44700_V6 Datasheet
79Kb / 3P
Surface Mount Low Power Step Recovery Diodes
MAVR-0447 MA-COM-MAVR-0447 Datasheet
243Kb / 3P
Surface Mount Low Power Step Recovery Diodes
logo
Vishay Siliconix
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
Standard Recovery Diodes, Standard Recovery Diodes,
07-Apr-14
logo
M/A-COM Technology Solu...
MAVR-0447 MA-COM-MAVR-0447_15 Datasheet
243Kb / 3P
Surface Mount Low Power Step Recovery Diodes
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
Standard Recovery Diodes, Standard Recovery Diodes,
11-Jan-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com