Electronic Components Datasheet Search
  English  ▼

X  

251925B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 251925B
Description  Typical 1dB bandwidth of 19.3 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251925B Datasheet(HTML) 1 Page - Integrated Technology Future

  251925B Datasheet HTML 1Page - Integrated Technology Future 251925B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
145.0 MHz SAW Filter
Part Number 251925B
Tel: 82-32-621-1213
2013. 03. 27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 19.3 MHz
High attenuation
Single Ended Operation
Dual In-line Package (DIP)
2. Electrical Specifications
Source and Load Impedance = 50
Room Temperature : +25℃
℃
℃
℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
145.0
-
Insertion Loss
dB
-
26.5
28.0
1 dB Bandwidth
MHz
19.15
19.36
-
3dB Bandwidth
MHz
-
19.68
-
20dB Bandwidth
MHz
-
20.6
20.65
40dB Bandwidth
MHz
-
21.05
-
Amplitude Ripple (fo ± 9.4 MHz)
dB
-
1.1
1.5
Group Delay Variation (fo ± 9.4 MHz)
nsec
-
40
80
Absolute Delay
usec
-
2.08
-
Ultimate Rejection
dB
40
45
-
Maximum input Power
dBm
-
-
10
Temperature Coefficient of Frequency
ppm/℃
℃
℃
℃
-72
D2012 Package Dimension
Matching Schematic
L1 = 27nH, L2 = 27nH, C1 = 36pF, C2 = 27pF
Pin Configuration
Input
1
Ground
2,4
12.7±0.5
5.5max 6.0max
7.6±0.2
Dimensions shown are nominal in millimeters
Base : Fe(SPCC), Au plating over Ni plated
Cap : Cu & Cr Alloy, Ni Plated
Termination : Kovar, Au Plated
Output
5
Others
Ground
C2
C1
L2
L1
Input
50Ω
Output
50Ω
1
1
1
1
5
5
5
5


Similar Part No. - 251925B

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
251925 BRADY-251925 Datasheet
244Kb / 2P
Photoluminescent Area Marking
More results

Similar Description - 251925B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
211002B ITF-211002B Datasheet
171Kb / 2P
Typical 1dB bandwidth of 9.8 MHz
Rev 1.0 2013. 04. 01
220501B ITF-220501B Datasheet
189Kb / 2P
Typical 1dB bandwidth of 5.4 MHz
Rev 1.0 2013. 09. 12
221451B ITF-221451B Datasheet
208Kb / 2P
Typical 1dB bandwidth of 14.35 MHz
Rev 1.0 2010. 09.14
230952B ITF-230952B Datasheet
194Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
231601B ITF-231601B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 15.6 MHz
Rev 1.0 2013. 03. 07
231654B ITF-231654B Datasheet
170Kb / 2P
Typical 1dB bandwidth of 15.85 MHz
Rev 1.0 2010. 05. 20
250930B ITF-250930B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 9.4 MHz
Rev 1.0 2013. 03. 25
250970B ITF-250970B Datasheet
174Kb / 2P
Typical 1dB bandwidth of 9.4 MHz
Rev 1.0 2013. 03. 11
251008B ITF-251008B Datasheet
179Kb / 2P
Typical 1dB bandwidth of 10.0 MHz
231906B ITF-231906B Datasheet
167Kb / 2P
Typical 1dB bandwidth of 19.3 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com